Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 22Page - National Semiconductor (TI) DP8390DN Datasheet HTML 23Page - National Semiconductor (TI) DP8390DN Datasheet HTML 24Page - National Semiconductor (TI) DP8390DN Datasheet HTML 25Page - National Semiconductor (TI) DP8390DN Datasheet HTML 26Page - National Semiconductor (TI) DP8390DN Datasheet HTML 27Page - National Semiconductor (TI) DP8390DN Datasheet HTML 28Page - National Semiconductor (TI) DP8390DN Datasheet HTML 29Page - National Semiconductor (TI) DP8390DN Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
100 Internal Registers (Continued)
103 Register Descriptions
(Continued)
RECEIVE STATUS REGISTER (RSR)
0CH (READ)
This register records status of the received packet including information on errors and the type of address match either
physical or multicast The contents of this register are written to buffer memory by the DMA after reception of a good packet If
packets with errors are to be saved the receive status is written to memory at the head of the erroneous packet if an erroneous
packet is received If packets with errors are to be rejected the RSR will not be written to memory The contents will be cleared
when the next packet arrives CRC errors Frame Alignment errors and missed packets are counted internally by the NIC which
relinquishes the Host from reading the RSR in real time to record errors for Network Management Functions The contents of
this register are not specified until after the first reception
76543210
DFR
DIS
PHY
MPA
FO
FAE
CRC
PRX
Bit
Symbol
Description
D0
PRX
PACKET RECEIVED INTACT
Indicates packet received without error (Bits
CRC FAE FO and MPA are zero for the received packet)
D1
CRC
CRC ERROR
Indicates packet received with CRC error Increments Tally
Counter (CNTR1) This bit will also be set for Frame Alignment errors
D2
FAE
FRAME ALIGNMENT ERROR
Indicates that the incoming packet did not end
on a byte boundary and the CRC did not match at last byte boundary Increments
Tally Counter (CNTR0)
D3
FO
FIFO OVERRUN
This bit is set when the FIFO is not serviced causing overflow
during reception Reception of the packet will be aborted
D4
MPA
MISSED PACKET
Set when packet intended for node cannot be accepted by
NIC because of a lack of receive buffers or if the controller is in monitor mode
and did not buffer the packet to memory Increments Tally Counter (CNTR2)
D5
PHY
PHYSICALMULTICAST ADDRESS
Indicates whether received packet had a
physical or multicast address type
0 Physical Address Match
1 MulticastBroadcast Address Match
D6
DIS
RECEIVER DISABLED
Set when receiver disabled by entering Monitor mode
Reset when receiver is re-enabled when exiting Monitor mode
D7
DFR
DEFERRING
Set when CRS or COL inputs are active If the transceiver has
asserted the CD line as a result of the jabber this bit will stay set indicating the
jabber condition
Note
Following coding applies to CRC and FAE bits
FAE CRC
Type of Error
0
0
No Error (Good CRC and k6 Dribble Bits)
0
1
CRC Error
1
0
Illegal will not occur
1
1
Frame Alignment Error and CRC Error
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com