Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 35Page - National Semiconductor (TI) DP8390DN Datasheet HTML 36Page - National Semiconductor (TI) DP8390DN Datasheet HTML 37Page - National Semiconductor (TI) DP8390DN Datasheet HTML 38Page - National Semiconductor (TI) DP8390DN Datasheet HTML 39Page - National Semiconductor (TI) DP8390DN Datasheet HTML 40Page - National Semiconductor (TI) DP8390DN Datasheet HTML 41Page - National Semiconductor (TI) DP8390DN Datasheet HTML 42Page - National Semiconductor (TI) DP8390DN Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
150 Switching Characteristics AC Specs DP8390D Note All Timing is Preliminary
Register Read (Latched Using ADS0)
TLF8582 – 76
Symbol
Parameter
Min
Max
Units
rss
Register Select Setup to ADS0 Low
10
ns
rsh
Register Select Hold from ADS0 Low
13
ns
aswi
Address Strobe Width In
15
ns
ackdv
Acknowledge Low to Data Valid
55
ns
rdz
Read Strobe to Data TRI-STATE
15
70
ns
rackl
Read Strobe to ACK Low (Notes 1 3)
n bcyc a 30
ns
rackh
Read Strobe to ACK High
30
ns
rsrsl
Register Select to Slave Read Low
10
ns
Latched RS0 – 3 (Note 2)
Note 1
ACK is not generated until CS and SRD are low and the NIC has synchronized to the register access The NIC will insert an integral number of Bus Clock
cycles until it is synchronized In Dual Bus systems additional cycles will be used for a local or remote DMA to complete Wait states must be issued to the CPU until
ACK is asserted low
Note 2
CS may be asserted before or after SRD IfCS is asserted after SRD rackl is referenced from falling edge of CS CS can be de-asserted concurrently with
SRD or after SRD is de-asserted
Note 3
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com