Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 35Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 36Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 37Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 38Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 39Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 40Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 41Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 42Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 295 page
background image
WM8962
Rev 4.3
39
MICROPHONE BIAS CONTROL
There is one MICBIAS generator which provides low noise reference voltages suitable for biasing
electret condenser (ECM) type microphones via an external resistor.
Note that an external decoupling capacitor is required on the MICBIAS output. A suitable capacitor
must be connected whenever the MICBIAS output is enabled. Additional filtering of the MICBIAS
output, to reduce noise and interference, may be implemented as described in the
“Applications
Information
” section, if required.
The MICBIAS voltage can be enabled using the MICBIAS_ENA control bit; the voltage of each can be
selected using the MICBIAS_LVL register bit as detailed in Table 2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Pwr Mgmt
(1)
1
MICBIAS_ENA
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
R48 (30h)
MICBIAS
0
MICBIAS_LVL
1
Microphone Bias Voltage Control
0 = 5/6 x AVDD (approx.)
1 = 7/6 x AVDD (approx.)
Table 2 Microphone Bias Control
Note that the maximum source current capability for MICBIAS is 2.0mA. The external biasing
resistance must be large enough to limit the MICBIAS current to 2.0mA across the full microphone
impedance range.
Note that the MICVDD supply voltage must be at least 300mV higher than the desired MICBIAS
output voltage. In applications where AVDD = 1.8V, then the MICBIAS_LVL = 1 option can only be
supported if MICVDD is greater than 2.4V.
MICBIAS CURRENT DETECT
A MICBIAS Current Detect function is provided for external accessory detection. This is provided in
order to detect the insertion/removal of a microphone or the pressing/releasing of the microphone
‘hook’ switch; these events will cause a significant change in MICBIAS current flow, which can be
detected and used to generate a signal to the host processor.
The MICBIAS current detect function is enabled by setting the MICDET_ENA register bit. When this
function is enabled, two current thresholds can be defined, using the MICDET_THR and
MICSHORT_THR registers. When a change in MICBIAS current which crosses either threshold is
detected, then an interrupt event can be generated. In a typical application, accessory insertion would
be detected when the MICBIAS current exceeds MICDET_THR, and microphone hookswitch
operation would be detected when the MICBIAS current exceeds MICSHORT_THR.
The current detect threshold functions are both inputs to the Interrupt control circuit and can be used
to trigger an Interrupt event when either threshold is crossed. Both events can also be indicated as an
output on a GPIO pin -
see “General Purpose Input/Output (GPIO)”. The status flags MICDET_STS or
MICSHORT_STS are also asserted whenever the relevant current threshold is exceeded.
The current detect thresholds are enabled and controlled using the registers described in Table 3
Performance parameters for this circuit block can be found in the “Electrical Characteristics” section.
Filtering is also provided in both current detect circuits to improve reliability in conditions where AC
current spikes are present due to ambient noise conditions. This feature is described in the following
section. Further guidance on the usage of the MICBIAS current monitoring features is also described
in the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com