Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8962B Datasheet HTML 1Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 2Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 3Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 4Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 5Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 6Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 295 page
background image
Ultra-Low Power Stereo CODEC with
Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers
and Ground Referenced Headphone Drivers
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2009–2015
(All Rights Reserved)
Rev 4.3
JUN
‘15
WM8962
DESCRIPTION
The WM8962 is a low power, high performance stereo CODEC
designed for portable digital audio applications.
An integrated charge pump provides a ground referenced output
which removes the need for DC-blocking capacitors on the
headphone outputs, and uses
the Wolfson ‘Class-W’ amplifier
techniques - incorporating an innovative dual-mode charge
pump
architecture
-
to
optimise
efficiency
and
power
consumption during playback. A DC Servo is used to reduce DC
ground
offsets.
This
improves
power
consumption
and
minimises pops and clicks.
Stereo class D speaker drivers provide 1W per channel into 8
loads, or 2W mono into a 4
 load, with a 5V supply. Low
leakage,
excellent
PSRR
and
pop/click
suppression
mechanisms also allow direct battery connection to the speaker
supply. Flexible speaker boost settings allow speaker output
power to be maximised while minimising other analogue supply
currents.
Control sequences for audio path setup can be pre-loaded and
executed by an integrated sequencer to reduce software driver
development and eliminate pops and clicks via SilentSwitch™
technology.
Flexible input configuration: four stereo inputs or eight mono
inputs on Left or Right ADC, with a complete analogue (four
single-ended stereo inputs) and digital microphone interface.
External component requirements are drastically reduced as no
separate microphone, speaker or headphone amplifiers are
required. Advanced on-chip digital signal processing performs
automatic level control for the microphone or line input.
Stereo 24-bit sigma-delta ADCs and DACs are used with low
power over-sampling digital interpolation and decimation filters
and a flexible digital audio interface.
A programmable audio enhancement DSP is included with
multiple preset algorithms. Virtual Surround Sound widens the
stereo
speaker
audio
image,
HD
Bass
enhances
low
frequencies, and ReTuneTM flattens the frequency response of
the speaker or microphone path. A configurable DSP includes
additional functions such as 3D widening for recording, a 5-band
parametric EQ and Dynamic Range Controller.
Two high performance PLLs and one Frequency Locked Loop
(FLL) are integrated to enable the user to clock a full audio
system.
The WM8962 operates at analogue supply voltages down to
1.7V, although the digital supplies can operate at voltages down
to 1.62V to save power. The speaker supply can operate at up
to 5.5V. Unused functions can be disabled using software
control to save power.
The WM8962 is supplied in a very small W-CSP package, ideal
for use in hand-held and portable systems.
FEATURES
DAC SNR 98dB (‘A’ weighted), THD -84dB at 48kHz, 1.8V
ADC SNR 94dB (‘A’ weighted), THD -85dB at 48kHz, 1.8V
Stereo Class D Speaker Driver
-
1W per channel into 8
 BTL speakers
-
2W mono into 4
 BTL speakers
-
Flexible internal switching clock
Wolfson ‘Class-W’ ultra-low power headphone driver
-
Up to 31mW per channel output power at 1% THD+N
into 16
 at 1.8V
-
Ground Referenced
-
Low offset (+/- 1.2mV)
-
Pop and click suppression
-
Control sequencer for pop-minimised power-up/down
-
Single register write for default start-up sequence
Microphone Interface
-
Single ended four stereo analogue input
-
Integrated low noise MICBIAS
-
Digital microphone interface
-
Programmable ALC / Limiter and Noise Gate
Programmable Audio Enhancement DSP with Presets
-
Virtual Surround Sound
-
HD Bass
-
ReTuneTM
Fixed Audio Processing DSP
-
3D stereo widening
-
5-band Parametric EQ
-
Dynamic range controller
-
Beep generator
Two integrated PLLs enable clocking of full audio system
Low Power Consumption
-
7.7mW headphone playback
-
8.3mW analogue record mode
Low Supply Voltages
-
Analogue 1.7V to 2.0V (Speaker supply up to 5.5V)
-
Charge pump 1.7V to 2.0V
-
MIC bias amp supply 1.7V to 3.6V
-
Digital 1.62V to 2.0V
2-wire I2C and 3- or 4-wire SPI serial control interface
Standard sample rates from 8kHz to 96kHz
W-CSP, 3.6x3.9mm 49-pin
APPLICATIONS
Portable gaming, Voice recorders
Mobile multimedia
Stereo DSC-Camcorder


Similar Part No. - WM8962B

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
More results

Similar Description - WM8962B

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Nuvoton Technology Corp...
NAU88L24 NUVOTON-NAU88L24 Datasheet
476Kb / 16P
Ultra-Low Power Audio CODEC with Stereo Class D Drivers and Ground-Referenced Headphone Amplifier with Advanced Headset Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com