Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 18Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 19Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 20Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 21Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 22Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 23Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 24Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 25Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 295 page
background image
WM8962
22
Rev 4.3
Analogue Input (IN2L, IN2R) to ADC out via Input PGA and Input Gain boost
Quiescent input, default register conditions unless otherwise stated.
MCLK = 12.288MHz, fs = 48kHz, MCLK rate = 256fs, 24-bit I2S, Slave mode,
MIXINL_ENA = 1, MIXINR_ENA = 1, IN2L_TO_MIXINL = 1, IN2R_TO_MIXINR = 1,
ADCL_ENA = 1, ADCR_ENA = 1,
VMID_SEL = 01, BIAS_ENA = 1.
See “Reference Voltages and Bias Control” for details of the bias configuration registers.
DCVDD
1.8V
DBVDD
1.8V
MICVDD
2.5V
AVDD
1.8V
PLLVDD
1.8V
CPVDD
1.8V
SPKVDD
5.0V
TOTAL
Quiescent input,
Option 1 bias settings
2.4mA
0.0mA
0.0mA
2.2mA
0.0mA
0.0mA
0.0mA
8.3mW
Quiescent input,
Option 2 bias settings
2.4mA
0.0mA
0.0mA
2.4mA
0.0mA
0.0mA
0.0mA
8.7mW
Quiescent input,
Option 3 bias settings (default)
2.4mA
0.0mA
0.0mA
3.0mA
0.0mA
0.0mA
0.0mA
9.8mW
Quiescent input,
Option 4 bias settings
2.6mA
0.0mA
0.0mA
4.5mA
0.0mA
0.0mA
0.0mA
12.9mW
-1dBFS ADC output
2.4mA
0.0mA
0.0mA
3.0mA
0.0mA
0.0mA
0.0mA
9.9mW
MICBIAS enabled
2.4mA
0.0mA
0.4mA
3.0mA
0.0mA
0.0mA
0.0mA
10.7mW
Quiescent input,
fs = 8kHz, MCLK = 2.048MHz
0.3mA
0.0mA
0.0mA
2.7mA
0.0mA
0.0mA
0.0mA
5.4mW
Quiescent input,
fs = 96kHz, MCLK = 24.576MHz
4.1mA
0.0mA
0.0mA
3.0mA
0.0mA
0.0mA
0.0mA
12.8mW
Quiescent input,
fs = 48kHz, MCLK = 24.576MHz,
MCLK = 512fs,
DSP Sound Enhancement enabled
14.5mA
0.2mA
0.0mA
3.0mA
0.0mA
0.0mA
0.0mA
32.0mW
Stereo DAC Playback to Headphone (HPOUTL, HPOUTR) - Low Power headphone playback mode, 16
Ω load.
Default register conditions unless otherwise stated.
Default DAC to Headphone Power Up sequence completed.
CP_DYN_PWR = 1
MCLK = 12.288MHz, fs = 48kHz, MCLK rate = 256fs, 24-bit I2S, Slave mode,
Input signal level = 0dBFS, HP1x_VOL = 111b (0dB),
Note that Low Power headphone playback mode is selected by default.
DCVDD
1.8V
DBVDD
1.8V
MICVDD
2.5V
AVDD
1.8V
PLLVDD
1.8V
CPVDD
1.8V
SPKVDD
5.0V
TOTAL
Quiescent output
2.0mA
0.0mA
0.0mA
1.7mA
0.0mA
0.5mA
0.0mA
7.7mW
0.1mW/channel output
HPOUTx_VOL = 5Dh (-28dB)
1.9mA
0.0mA
0.0mA
1.7mA
0.0mA
2.7mA
0.0mA
11.4mW
2mW/channel output
HPOUTx_VOL = 69h (-15dB)
2.0mA
0.0mA
0.0mA
1.7mA
0.0mA
10.1mA
0.0mA
25.0mW
16mW/channel output
HPOUTx_VOL = 73h (-6dB)
2.0mA
0.0mA
0.0mA
1.7mA
0.0mA
53.7mA
0.0mA
103.4mW
Quiescent output,
fs = 48kHz, MCLK = 24.576MHz,
MCLK = 512fs,
DSP Sound Enhancement enabled
CP_DYN_PWR = 0
14.3mA
0.0mA
0.0mA
1.8mA
0.0mA
1.8mA
0.0mA
32.2mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com