Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 93Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 94Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 95Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 96Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 97Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 98Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 99Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 100Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 295 page
background image
WM8962
Rev 4.3
97
DAC SIGNAL PATH ENHANCEMENTS
The DAC signal path incorporates a number of sound enhancement features, as illustrated in Figure
31. These features are described more fully in the following sections.
DIGITAL AUDIO
INTERFACE
ADC
DAC
2
nd order HPF
1
st order LPF/HPF
3D Surround
DF1 Filter
ReTune
TM
Dynamic Range Control*
Signal Enhancement Blocks
5-Band EQ
Dynamic Range Control*
2
nd order HPF
Virtual Surround Sound
HD Bass
ReTune
TM
* Dynamic Range Control (DRC)
can be enabled on either the
ADC path or the DAC path, but
not on both at the same time
Figure 31 DAC Signal Enhancements
5-BAND EQ
VSS
HD Bass
DRC
DAC Signal Enhancement path
DAC
ReTune™
Second Order
HPF
5-band EQ
The 5-band EQ function is implemented in the DAC Signal Enhancement path.
The 5-band EQ can be used to support user preferences for different music types, such as allowing
selection of ‘rock’, ‘dance’, ‘classical’ or other user-defined EQ profiles. The 5-band EQ can also be
used to provide compensation for imperfect characteristics of other components in the audio chain,
such as the loudspeaker in portable applications in particular.
Note that the functionality of the 5-band EQ has similarities to some of the other DAC signal
enhancements; it is important to select the most appropriate processing block for each requirement.
The 5-band EQ provides a basic level of signal control, whilst the other enhancements can provide
superior performance in many cases.
Frequency compensation of loudspeakers and other components can be implemented using the DAC
ReTune function, which provides a more powerful capability to normalise the frequency response; this
is achieved through the use of calibrated measurement procedures. The 5-band EQ provides a
simpler and coarser type of signal control.
Reduction of bass frequencies (removing signal content that the speaker is unable to reproduce) can
be implemented using the 2nd order High Pass Filter (DAC HPF); this provides greater attenuation of
the bass frequencies, without affecting the desired pass-band.
Enhancement of bass frequencies (compensation for poor sensitivity in headphones or loudspeakers
at low frequencies) can be implemented using the HD Bass function; this is a more intelligent and
adaptive audio enhancement than the 5-band EQ.
Note that, when using the 5-band EQ to boost any frequency band, it is recommended to take care
not to introduce distortion, taking into account the gain that may be applied by other audio
enhancement functions.
The 5-band EQ allows the gain within five frequency bands to be controlled. The upper and lower
frequency bands are controlled by low-pass and high-pass filters respectively. The middle three
frequency bands are notch filters.
The 5-band EQ is enabled by setting the EQ_ENA register as described in Table 53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com