Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 12Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 13Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 14Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 15Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 16Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 295 page
background image
WM8962
Rev 4.3
13
Test Conditions
MICVDD = DCVDD = DBVDD = CPVDD = AVDD = PLLVDD = 1.8V, SPKVDD1 = SPKVDD2 = 5V.
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Input Path Crosstalk
IN1 / IN4 ADC input path crosstalk
1kHz
-98
dB
10kHz
-79
IN2 / IN3 ADC input path crosstalk
1kHz
-85
dB
10kHz
-65
IN2 / IN4 ADC input path crosstalk
1kHz
-90
dB
10kHz
-69
IN3 / IN4 ADC input path crosstalk
1kHz
-75
dB
10kHz
-55
The ADC path is enabled from one input pin; -6dBV test signal applied to the other input; crosstalk measured at ADC output. The
test is repeated with the two input pins swapped; the crosstalk figure is the worst case of the two measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com