Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 47Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 48Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 49Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 50Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 51Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 52Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 295 page
background image
WM8962
Rev 4.3
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
IN3L_MIXINL_VOL [2:0]
101
Left input IN3L to Left input
Boost-Mixer Gain
000 = -12dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
R34 (22h)
Input mixer
control (2)
5
IN2L_TO_MIXINL
0
Left Input IN2L to Left input
Boost-Mixer Select
0 = Disabled
1 = Enabled
4
IN3L_TO_MIXINL
0
Left Input IN3L to Left input
Boost-Mixer Select
0 = Disabled
1 = Enabled
3
INPGAL_TO_MIXINL
1
Left Input PGA to Left input
Boost-Mixer Select
0 = Disabled
1 = Enabled
Table 10 Left Input Mixer (MIXINL) Volume Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
Input mixer
control (1)
2
MIXINR_MUTE
0
Right input boost-mixer mute
0 = Un-mute
1 = Mute
R33 (21h)
Right input
mixer
volume
8:6
IN2R_MIXINR_VOL
[2:0]
101
Right input IN2R to Right input
Boost-Mixer Gain
000 = -12dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
5:3
INPGAR_MIXINR_VOL
[2:0]
000
Right input PGA to Right input
Boost-Mixer Gain
000 = 0dB
001 = +6dB
010 = +13dB
011 = +18dB
100 = +20dB
101 = +24dB
110 = +27dB
111 = +29dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com