Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 15Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 16Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 17Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 18Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 19Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 20Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 21Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 22Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 295 page
background image
WM8962
Rev 4.3
19
Test Conditions
MICVDD = DCVDD = DBVDD = CPVDD = AVDD = PLLVDD = 1.8V, SPKVDD1 = SPKVDD2 = 5V.
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal Oscillator
External crystal frequency
24
MHz
Oscillator load capacitance
XTI and XTO Pins
10.5
pF
Start-up time
measured from time when:
PLL
VDD ≥ 1.7V,
AVDD ≥ 1.7V and
DVDD ≥ 1.62V,
until crystal output is stable
and in specification.
1.5
ms
Phase Locked Loops (PLLs)
Output frequency
FOUT
22.5
50
MHz
Output duty cycle
40
50
60
%
Start-up time (including Crystal
Oscillator start-up time)
measured from time when:
PLLVDD ≥ 1.7V,
AVDD ≥ 1.7V and
DVDD ≥ 1.62V,
until PLL outputs are stable
and in specification.
1.5
ms
Frequency synthesis error
0
ppm
Absolute clock period jitter (peak)
Input Clock = 24MHz,
5pF load
500
ps
Short term jitter
(peak, cycle to cycle)
N=1, 1000 samples,
Input Clock = 24MHz,
5pF load. (see Note 4)
150
ps
Long term jitter (peak)
N=1000, 1000 samples,
Input Clock = 24MHz,
5pF load. (see Note 4)
500
ps
MCLK / XTI input frequency range
14
40
MHz
Frequency Locked Loop (FLL)
Input frequency
FREF
FLL_REFCLK_DIV = 00
0.032
13.5
MHz
FLL_REFCLK_DIV = 01
0.064
27
FLL_REFCLK_DIV = 10
0.128
36.864
Output frequency
FOUT
1.875
50
MHz
Start-Up time
VMID enabled; measured
from FLL_ENA=1 to clock
signal present on CLKOUTn.
220
µs
Frequency synthesis error
0
ppm
Start-Up time (free-running mode)
VMID enabled; measured
from FLL_ENA=1 to clock
signal present on CLKOUTn.
0.75
µs
Frequency accuracy (free-running
mode)
Reference clock
supplied initially
+/-10
%
No reference clock
provided
+/-30
%
Digital Input / Output
Input HIGH Level
VIH
0.7
DBVDD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOH=1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOL=-1mA
0.1
DBVDD
V
Input capacitance
15
pF
Input leakage
-0.9
0.9
µA
CLKOUTn output impedance
160
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com