Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8962B Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 3Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 4Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 5Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 6Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 295 page
background image
WM8962
Rev 4.3
7
PIN CONFIGURATION
1
6
5
4
3
2
7
DCVDD
SPKGND2
SPKOUTLP
SPKGND1
A
F
E
D
C
B
TOP VIEW
– WM8962
BCLK
DACDAT
SCLK
GPIO5
CPVDD
CPCA
VMIDC
IN1L
MICBIAS
SPKVDD1
CPVOUTP
HPOUTR
SPKOUTLN
MICVDD
SPKOUTRP
HPOUTL
HPOUTFB
SPKOUTRN
SPKVDD2
IN4L
SDA
LRCLK
IN2L
IN1R
AVDD
IN3R
CLKOUT2/
GPIO2
CIFMODE
CS/GPIO6
IN3L
CLKOUT3/
GPIO3
DGND
IN2R
ADCDAT
CLKOUT5
PLLGND
PLLVDD
DBVDD
CPCB
CPVOUTN
CPGND
AGND
IN4R
XTO
MCLK/XTI
G
ORDERING INFORMATION
ORDER CODE
TEMPERATURE RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8962ECS/R
(see note 1)
-40
C to +85C
49-ball CSP
(3.6x3.9mm)
(Pb-free, Tape and reel)
MSL1
260°C
WM8962ECSN/R
(see note 2)
-40
C to +85C
49-ball CSP
(3.6x3.9mm)
(Pb-free, Tape and reel)
MSL1
260°C
Note:
1.
Reel quantity = 5,000
2.
Reel quantity = 3,500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com