Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT8501 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-i-
Revision History
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
REVISION HISTORY
Document Release
Date
Revision
Initials
0.1
Initial internal release based on Apollo MVP3 specification & Porsche HRM
GH
0.2
Updated/corrected signal list; added power signal detail, corrected misc features
GH
0.3
Added FP description, AC/DC tables, pin placement diagram; Fixed misc typos
GH
0.4
7/298
Reconciled with target spec: changed pinouts & poweron config, added registers
EC
0.5
7/27/98
Changed pinout; added pin descriptions; changed p/n to VT82C501; reformatted
DH
0.6
8/21/98
Changed pinouts TVD[0-2], TVHS, TVCLK per 7/30/98 rev 1.1 ballout
Changed PD[9-11,13-14,18-19], TVD[0-2,6-7], VIDCLK per 8/13, 1.3 ballout
Changed name of REQ4# / GNT4# to REQX# / GNTX# to match VT82C231
Added VGA and Graphics Accelerator registers
DH
0.7
8/24/98
Added remaining Graphics Engine registers
DH
0.8
9/11/98
Changed pinouts to match internal pinout document revision 1.5:
HCLK, MCLKI, MCLKO, GNDA, VCC2A, MD16-28, MD50-60
DH
0.9
10/15/98
Updated Feature Bullets
Changed pins F1, G1, G3, N2, and N4 to “Reserved, Do Not Connect”
Changed ADS#, M/IO#, W/R#, D/C#, BE[7-0]# to inputs, BRDY# to output
Added descriptions to VLF1 and VLF2 pins
Changed VSUS2 and VSUS3 to VSUS and corrected description
Changed VCC2 definition to 2.5V
Updated Register Definitions:
- Device 0 Rx68[1-0] changed; Rx78[5] & Rx88[0] reserved; Rx79 added
- Device 1 Rx41[1] reserved, Rx42[2] changed
- Default values added to 3D8, GR5, E-F, 20-22, 24-28, 2A, 2C, 2F, SR8-9, B-
12, 18-1B, 20-21, 24, 37-38, 96-99, 9E, BE, CE, and CR0-18, 1A-1C, 20, 21,
25, 27-2F, 34-3C, 52, 55, 56, 5E, 5F, 62, & 63
- CR11[6] reserved, CR17[4] extended function added, SRC[6] note added,
SRD[3].new reserved, SRD[7-4].new redefined, SR12[7-4, 3-0] redefined,
SR16-17 removed, CR1A-1C redefined, CR28/2C/2E deleted, CR2A[3-2]
reserved, CR62[3-0] redefined
Updated Functional Descriptions: corrected DFP config & deleted test modes
DH
0.91
10/21/98
Changed power / ground pin names to match design guide
Replaced ENPVDD (F1) and ENPVEE (G1) required for DFP interface
Moved CKE functions from MECC to RAS4-5#, SRASC#, SCASC#
Fixed error in numerical pin list AD15-AD18
Updated block diagram
DH
0.92
11/4/98
Changed part # to VT8501, changed VT82C686 to 686A & VT82C596 to 596A
Updated register definitions: Device 0 Rx51[4], 52[3,1], 53[3-0], 59-58[15-13],
MA Mapping Table, 69[7], 6B[3-1], 6C[7,3], 6D[4], 70[5,0], 73[4], 74[4-0],
76[3-0], 78[2], 79[7-0], 88[2], AC[6-4,0], AD, F0-FF, Device 1 Rx41[0],
42[3-2]; Fixed Device 1 bus #
DH
1.0
12/9/98
Fixed typographical error in pin lists: VCC3 pin # was W7, should be W21
DH
1.1
6/1/99
Fixed miscellaneous typographical errors and updated feature bullets
Changed defaults for Device 0 RxAC and RxAD
Changed device 0 Rx6[6], 52[3], 69[1] (VGA Ena Guard Bit), 79[1-0], FB[7]
Added missing device 1 registers Rx43, 44, and 47-46
DH
1.2
10/8/99
Fixed Bus 0 Device 1 Rx7-6[13-12] changed from WC to RO
Fixed Bus 1 Device 0 Rx3-0 Vendor & Device ID
DH
1.3
2/1/00
Added DSTN panel tables in intro/overview; added note to Device 0 Rx78[6]
Updated document logos; fixed ambient/case temp specs
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com