Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-11-
System Overview
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
CRT Power Management (VESA DPMS)
The Apollo MVP4 Graphics Controller conforms to the standard power management schemes defined by VESA™ for CRTs. The
Apollo MVP4 Graphics Controller supports four states of VESA™ Display Power Management Signaling (DPMS), which
decrease monitor power consumption after timeout periods. VESA™ DPMS power down states (ready, standby, suspend, and
off) specify HSYNC and VSYNC signals to control the monitor power down state.
Digital Flat Panel (DFP) Interface
The Apollo MVP4 DFP interface is designed to support industry standard TFT and DSTN panels through an external TMDS
transmitter. A Silicon Image SIL140 TMDS transmitter can be used to complete this interface.
MVP4
Pin
SIL140
Pin
24-Bit
Color TFT
18-Bit
Color TFT
PD[23]
D0
B0
PD[22]
D1
B1
PD[21]
D8
G0
PD[20]
D9
G1
PD[19]
D16
R0
PD[18]
D17
R1
PD[17]
D2
B2
B0
PD[16]
D3
B3
B1
PD[15]
D10
G2
G0
PD[14]
D11
G3
G1
PD[13]
D18
R2
R0
PD[12]
D19
R3
R1
PD[11]
D4
B4
B2
PD[10]
D5
B5
B3
PD[9]
D6
B6
B4
PD[8]
D7
B7
B5
PD[7]
D12
G4
G2
PD[6]
D13
G5
G3
PD[5]
D14
G6
G4
PD[4]
D15
G7
G5
PD[3]
D20
R4
R2
PD[2]
D21
R5
R3
PD[1]
D22
R6
R4
PD[0]
D23
R7
R5
Video Capture Interface / ZV Port
A video capture / ZV port is supported for video devices such as MPEG1 and MPEG2. Additionally, a zero-wait state host write
buffer, read cache, and memory mapped I/O increase operating speeds and contribute to peak performance levels.
All I/O
interfaces are 5V tolerant, capable of interfacing with external devices operating at 5V, even though the Apollo MVP4 Graphics
Controller runs at 2.5V internally. Graphics system throughput is further enhanced by a command FIFO, allowing maximum bus
transfer speed for applications such as Windows™ or AutoCAD™ that directly access video memory.
Complete Hardware Compatibility
The Apollo MVP4 Graphics Controller is fully compliant with the VESA™ DDC and VAFC standards. The Apollo MVP4
Graphics Controller is 100% VGA compatible at both the BIOS and Driver level, allowing full compatibility with virtually any
VGA application software. The Apollo MVP4 Graphics Controller provides hardware support to DirectDraw™, offering high-
speed game graphics on Windows 95
. The Apollo MVP4 Graphics Controller meets the requirements of PC99 as well,
supporting a unique ID for each customer and a unique ID for each model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com