Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-10-
System Overview
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
Video Processor
Video processor features include:
on-chip hardware Color Space Conversion (CSC) for faster data conversion on the fly,
Horizontal/Vertical (H/V) scaling with interpolation, edge recovery algorithm logic, gamma correction, and overlay control with
different color depths from graphics. The Apollo MVP4 Graphics Controller also includes a fully integrated GUI accelerator, read
cache, and command FIFO that optimize memory bandwidth and maximize graphics performance.
The Apollo MVP4 Graphics Controller, with an integrated Video Display and a Capture Engine, supports dual apertures on the
PCI bus which enables independent graphic and video data to be transported simultaneously to and from different memory areas
and greatly accelerates the performance of both DirectDraw
TM and DirectVideoTM. The Apollo MVP4 Graphics Controller can
provide dual video windows that display different images from different video sources (from the PCI bus and from the capture
port) on the same screen. The video image is stored in off-screen memory and is retrieved by the Video Display Processing block
for video processing. With the help of DirectDraw™ acceleration for sprites, page flipping, double buffering, and color keying,
video processing is performed by utilizing a proprietary edge recovery algorithm for sharper line visibility, de-interlacing, anti-
tearing, multitap horizontal filtering, dithering, and scaling operations with bilinear interpolation in both horizontal and vertical
directions. Linear scaling permits zoom in/out to any size without any restrictions. In addition, the on-chip hardware Color Space
Conversion (CSC) accelerates conversion for 16 bit YUV pixels into linear true color 24 bit RGB pixels on the fly. The additional
X and Y minifiers are capable of shrinking video images to any linear fractions, which saves bus bandwidth and memory space.
The YUV planar logic of the Apollo MVP4 Graphics Controller supports a YUV 420 format that can eliminate redundant video
stream decoding procedures. The load of the CPU is reduced while performing software MPEG or software video conferencing.
The color and luminance control provided by the Apollo MVP4 Graphics Controller offers color compensations to prevent color
distortion for display devices such as a CRT or TV with Gamma correction and hue adjustment control.
The Video Conferencing feature allows remote and local video images to be displayed simultaneously on the same screen.
Video Capture and DVD
The Apollo MVP4 Graphics Controller has a video capture / ZV port and advanced hardware interface logic allowing it to be
directly connected to many MPEG and video decoders.
The Apollo MVP4 Graphics Controller, integrated with a DVD video hardware block for motion compensation, gives existing
PCs the ability to play DVD video in MPEG-2 format at high bandwidths with very good video quality.
A new industry standard is being set for transmission of non-video data over a TV broadcast signal during vertical blanking dead
time. This technology is referred to as Intercast. The Apollo MVP4 Graphics Controller has the ability to take the entire video
stream over the video port, sending the visible video stream to the display memory for display in a window, stripping the VBI data
from the stream, and then sending this data to the CPU for processing using PCI Bus Mastering.
Versatile Frame Buffer Interface
The Apollo MVP4 Graphics Controller features a versatile frame buffer interface aperture into main system memory. Optimized
performance can be achieved with the single cycle memory bus interface using programmable DRAM timing. The display queue
has been increased to reduce the frequency of memory bus requests, optimizing memory bus efficiency for the graphic controller.
With the support of the internal AGP aperture, the Apollo MVP4 Graphics Controller has access to system memory through the
GART. In the execute mode, the Apollo MVP4 Graphics Controller is able to use both the dedicated graphics portion and the
general portion of system memory for graphics operations. As a result, DVD and 3D rendering performance and quality are
greatly enhanced.
Hi-Res and Hi-Ref Display Support
Apollo MVP4 Graphics Controller display enhancements dramatically improve CRT resolution. These enhancements include
support of non-interlaced 1280x1024x64K, 1024x768x16M, 800x600x16M, and 640x480x16M colors for “full spectrum” color.
Extended text modes of 80 or 132 columns by 25, 30, 43, or 60 rows provide an extended graphics area frequently used in many
spreadsheet and database applications. Extended graphics and text modes are supported by software drivers that provide a “ready-
to-go” solution, minimizing the need for additional driver development.
A virtual screen can be created with the Apollo MVP4 Graphics Controller. When this function is enabled, a selected portion of a
large image can be shown on a smaller display. The image can also be moved across the whole screen, either up or down.
The Apollo MVP4 Graphics Controller is able to automatically detect DDC monitors with I
2C signaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com