Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-1-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
VIA VT8501
APOLLO MVP4
66 / 100 MHz
Single-Chip Socket-7 / Super-7 North Bridge
with PCI System Bus,
Integrated AGP 2D / 3D Graphics Accelerator
and Advanced ECC Memory Controller
supporting PC100 SDRAM,
Virtual Channel SDRAM, EDO, and FPG DRAM
• General
− 492 BGA Package (35mm x 35mm )
− 2.5 Volt +/- 0.2V Core
− Supports separately powered 3.3V tolerant interface to CPU and Memory
− Supports separately powered 5.0V tolerant interface to PCI bus and Video interface
− 2.5V, 0.25um, high speed / low power CMOS process
− PC-98/99 compatible using VIA VT82C686A (352-pin BGA) south bridge chip
− 66 / 100 MHz Operation
CPU
Internal
AGP
DRAM
/ VGC
PCI
Comments
100 MHz
66 MHz
100 MHz
33 MHz
synchronous (DRAM uses CPU clock)
66 MHz
66 MHz
66 MHz
33 MHz
synchronous (DRAM uses CPU clock)
66 MHz
66 MHz
100 MHz
33 MHz
Up pseudo-synchronous (DRAM uses MEM clock)
• Socket 7 Host Interface
− Supports all Socket-7 / Super-7 processors including 64-bit Intel Pentium™ / Pentium™ with MMX™ , AMD
6K86™ (K6™ and K6-2™), Cyrix/IBM 6x86™ / 6x86MX™ , IDT/Centaur C6, and Rise MP6 CPUs
− 66 / 100 MHz CPU “Front Side Bus”
− Supports 3.3V and sub-3.3V interface to CPU
− Built-in de-skew PLL (Phase Lock Loop) circuitry for optimal skew control within and between clocking regions
− Cyrix/IBM 6x86™ linear burst support
− AMD K6™ and K6-2™ write allocation support
− Supports CPU-to-DRAM write combining
− System management interrupt, memory remap and stop clock mechanisms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com