Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-6-
System Overview
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
SYSTEM OVERVIEW
The Apollo MVP4 is a PC Socket-7 system logic North Bridge with integrated 2D / 3D Graphics accelerator. The core logic
portion of the chip is based on the popular 100MHz VIA Apollo MVP3 chipset with enhanced features and graphics accelerator
based on the Cyber9398DVD from Trident Microsystems, Inc. The combination of the two leading edge technologies provides a
stable, cost-effective, and high performance solution for personal computers, imbedded systems, set-top boxes and others. As
shown in Figure 1 below, the Apollo MVP4 will interface to:
•
Socket 7 CPU (66 – 100 MHz)
•
L2 Cache RAM & Tag
•
SDRAM Memory Interface
•
PCI Bus (30 - 33 MHz)
•
Analog RGB Monitor with DDC
•
DFP / Digital Monitor Interface (TMDS)
•
Video Capture / Playback CODECs
+$>@
0$>@
'5$0 &RQWURO
3&, %86
/ &$&+(
3&, 6/276
97
093
 %*$
1RUWK %ULGJH
97&$
 %*$
6RXWK
%ULGJH
0'>@
6RFNHW
&38
'
5
$
0
6
5
$
0
7$*>@
+'>@
7$*
[ 86%
'XDO,'(
60%86
'XDO 'LVSOD\
$&/LQN
$&
%,26 520
)ORSS\ 'LVN
3DUDOOHO 3RUW
6HULDO 3RUWV
,6$ %XV
,6$ 6/276
'LJLWDO
0RQLWRU
&57
Figure 1: Apollo MVP4 High Level System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com