Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-5-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
• DVD
− Hardware-Assisted MPEG-2 Architecture for DVD with AC-3
− Simultaneous motion compensation and front-end processing (parsing, decryption and decode)
− Supports full DVD 1.0, VCD 2.0 and CD-Karaoke
− Microsoft DirectShow 2.x native support, backward compatible to MCI
− No additional frame buffer requirements
− Dynamic frame and field de-interlace filtering for high quality playback on VGA monitors (Bob and Weave)
− Tamper-proof software CSS implementation
− Freeze, Fast-Forward, Slow Motion, Reverse
− Pan-and-Scan support for 16:9 sequence
• Video Processor
− On-chip Color Space Converter (CSC)
− Anti-tearing via two frame buffer based capture surfaces
− Minifier for video stream compression and filtering
− Horizontal/vertical interpolation with edge recovery
− Dual frame buffer apertures for independent memory access for graphics and video
− YUV 4:2:2/4:1:1/4:2:0 and RGB formats
− Capture / ZV Port to MPEG and video decoder
− Vertical Blank Interval for Intercast™
− Overlay differing video and graphic color depths
− Display two simultaneous video streams from both internal AGP and Capture / ZV Port
− Two scalers and Color Space Converters (CSC) for independent windows
• Digital Flat Panel (DFP) Interface
− 85MHz DFP interface supports 1024x768 panels
− Allows external TMDS transmitter for advanced panel interfaces
• Testability
− Build-in NAND-tree pin scan test capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com