Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-4-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
• General Graphic Capabilities
− 64-bit Single Cycle 2D/3D Graphics Engine
− Supports 2 to 8 Mbytes of Frame Buffer located in System Memory
− Real Time DVD MPEG-2 and AC-3 Playback
− Video Processor
− I2C Serial Interface
− Integrated 24-bit 230MHz True Color DAC
− Extended Screen Resolutions up to 1600x1200
− Extended Text Modes 80 or 132 columns by 25/30/43/60 rows
− DirectX 6 and OpenGL ICD API
• High Performance rCADE3D™ Accelerator
− 32 entry command queue, 32 entry data queue
− 4Kbyte texture cache with over 90% hit rates
− Pipelined Setup/Texturing/Rendering Engines
− DirectDraw™ acceleration
− Multiple buffering and page flipping
Setup Engine
− 32-bit IEEE floating point input data
− Slope and vertex calculations
− Back facing triangle culling
− 1/16 sub-pixel positioning
Rendering Engine
− High performance single pass execution
− Diffused and specula lighting
− Gouraud and flat shading
− Anti-aliasing including edge, scene, and super-sampling
− OpenGL compliant blending for fog and depth-cueing
− 16-bit Z-buffer
− 8/16/32 bit per pixel color formats
Texturing Engine
− D3D compressed texture formats DXT1 and DXT2
− Anisotropic texture filtering
− 1/2/4/8-bits per pixel compact palletized textures
− 16/32-bits per pixel quality non-palletized textures
− Pallet formats in ARGB 565, 1555, or 444
− Tri-linear, bi-linear, and point-sampled filtering
− Mip-mapping with multiple Level-Of-Detail (LOD) calculations and perspective correction
− Color keying for translucency
2D GUI Engine
− 8/15/16/24/32-bits per pixel color formats
− 256 Raster Operations (ROPs)
− Accelerated drawing: BitBLTs, lines, polygons, fills, patterns, clipping, bit masking
− Panning, scrolling, clipping, color expansion, sprites
− 32x32 and 64x64 Hardware Cursor
− DOS graphics and text modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com