Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8501 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-3-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
• High-Performance DRAM Controller
− 64-bit DRAM interface synchronous with host CPU (66//100 MHz) or internal Memory Clock (100 MHz)
− Concurrent CPU and AGP access
− Supports both standard PC100 and “Virtual Channel” PC100 SDRAMs as well as FPG and EDO DRAMs
− Different DRAM types (FPG, EDO, and SDRAM) may be used in mixed combinations
− Different DRAM timing for each bank
− Dynamic Clock Enable (CKE) control for SDRAM power reduction
− Mixed 1M / 2M / 4M / 8M / 16MxN DRAMs
− 6 banks up to 768MB DRAMs
− Flexible row and column addresses
− 64-bit data width only
− 3.3V DRAM interface
− Programmable I/O drive capability for MA, command, and MD signals
− Optional bank-by-bank ECC (single-bit error correction and multi-bit error detection) or EC (error checking only)
for DRAM integrity
− Two-bank interleaving for 16Mbit SDRAM support
− Two-bank and four bank interleaving for 64Mbit SDRAM support
− Supports maximum 8-bank interleave (i.e., 8 pages open simultaneously); banks are allocated based on LRU
− Seamless DRAM command scheduling for maximum DRAM bus utilization (e.g., precharge other banks while
accessing the current bank)
− Four cache lines (16 quadwords) of CPU/cache to DRAM write buffers
− Four quadwords of CPU/cache to DRAM read prefetch buffers
− Concurrent DRAM writeback
− Read around write capability for non-stalled CPU read
− Burst read and write operation
− 5-2-2-2-2-2-2-2 back-to-back accesses for EDO DRAM
− 6-1-1-1-2-1-1-1 back-to-back accesses for SDRAM
− BIOS shadow at 16KB increment
− Decoupled and burst DRAM refresh with staggered RAS timing
− Programmable refresh rate and refresh on populated banks only
− CAS before RAS or self refresh
• Sophisticated Power Management Features
− Independent clock stop controls for CPU / SDRAM, Internal AGP and PCI bus
− PCI and AGP bus clock run and clock generator control
− Suspend power plane preserves memory data
− Suspend-to-DRAM and Self-Refresh operation
− Dynamic clock gating for internal functional blocks for power reduction during normal operation
− Low-leakage I/O pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com