Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 17 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 17 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 13Page - NEC UPD720100AGM-8EY Datasheet HTML 14Page - NEC UPD720100AGM-8EY Datasheet HTML 15Page - NEC UPD720100AGM-8EY Datasheet HTML 16Page - NEC UPD720100AGM-8EY Datasheet HTML 17Page - NEC UPD720100AGM-8EY Datasheet HTML 18Page - NEC UPD720100AGM-8EY Datasheet HTML 19Page - NEC UPD720100AGM-8EY Datasheet HTML 20Page - NEC UPD720100AGM-8EY Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet S15535EJ2V0DS
17
µµµµPD720100A
Power Consumption
Parameter
Symbol
Condition
TYP.
Unit
PWD0-0
The power consumption under the state without suspend.
Device state = D0, All the ports does not connect to any
function.
Note 1
168.0
mA
The power consumption under the state without suspend.
Device state = D0, The number of active ports is 2.
Note 2
PWD0-2
EHCI host controller is inactive.
EHCI host controller is active.
186.2
301.6
mA
mA
The power consumption under the state without suspend.
Device state = D0, The number of active ports is 3.
Note 2
PWD0-3
EHCI host controller is inactive.
EHCI host controller is active.
195.3
368.4
mA
mA
The power consumption under the state without suspend.
Device state = D0, The number of active ports is 4.
Note 2
PWD0-4
EHCI host controller is inactive.
EHCI host controller is active.
204.4
435.2
mA
mA
The power consumption under the state without suspend.
Device state = D0, The number of active ports is 5.
Note 2
PWD0-5
EHCI host controller is inactive.
EHCI host controller is active.
213.5
502.0
mA
mA
PWD0_S
The power consumption under suspend state.
Device state = D0, The internal clock is stopped.
Note 3
136.2
mA
PWD0_C
The power consumption under suspend state during PCI clock
is stopped by CRUN0. Device state = D0,
The internal clock is stopped.
Note 3
113.0
mA
PWD1
Device state = D1, Analog PLL output is stopped.
Note 3, 4
24.7
mA
PWD2
Device state = D2, Analog PLL output is stopped.
Note 3, 4
10.9
mA
PWD3H
Device state = D3hot, PIN_EN = High
Analog PLL output is stopped.
Note 3, 4
10.9
mA
Power Consumption
PWD3C
Device state = D3cold , PIN_EN = Low
Oscillator output is stopped.
Note 3, 4, 5
650
µA
Notes
1. When any device is not connected to all the ports of HC, the power consumption for HC does not
depend on the number of active ports.
2. The number of active ports is set by the value of Port No field in PCI configuration space EXT
register.
3. For the condition of clock stop, see
µµµµPD720100A User’s Manual 7.3 Control for System Clock
Operation.
4. When the device state = D1, PCI clock is defined as it is running. When the device state = D2 or D3,
PCI clock is defined as it is stopped.
5. If 48 MHz oscillator clock-in is used, power consumption for oscillator block + HC chip will be more
than 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com