Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 10 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 10 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 6Page - NEC UPD720100AGM-8EY Datasheet HTML 7Page - NEC UPD720100AGM-8EY Datasheet HTML 8Page - NEC UPD720100AGM-8EY Datasheet HTML 9Page - NEC UPD720100AGM-8EY Datasheet HTML 10Page - NEC UPD720100AGM-8EY Datasheet HTML 11Page - NEC UPD720100AGM-8EY Datasheet HTML 12Page - NEC UPD720100AGM-8EY Datasheet HTML 13Page - NEC UPD720100AGM-8EY Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Data Sheet S15535EJ2V0DS
10
µµµµPD720100A
2.
ELECTRICAL SPECIFICATIONS
2.1
Buffer List
• 3 V input buffer with Pull down resister
NTEST1, NTEST2, TEST, SMC, SIN/TIN, SRMOD, AMC, SCK/TCLK, CLKSEL, TEB
• 3 V output buffer
SOT/TOUT (IOL = 9 mA), SRCLK (IOL = 3 mA)
• 3 V bi-directional buffer
LEGC (IOL = 9 mA), SRDTA (IOL = 3 mA)
• 3 V Oscillator interface
XT1/SCLK, XT2
• 5 V input buffer
VCCRST0, PIN_EN
• 5 V IOL = 12 mA N-ch Open Drain buffer
SMI0, PME0, INTA0, INTB0, INTC0, SERR0
• 5 V IOL = 6 mA 3-state Output buffer
A20S
• 5 V IOL = 12 mA 3-state Output buffer
IRO1, IRO2
• 5 V PCI Input buffer with enable (OR type)
PCLK, VBBRST0, GNT0, IDSEL
• 5 V PCI IOL = 12 mA 3-state Output buffer
REQ0
• 5 V PCI IOL = 12 mA bi-directional buffer with input enable (OR-type)
AD(31:0), CBE(3:0)0, PAR, FRAME0, IRDY0, TRDY0, STOP0, DEVSEL0, PERR0, CRUN0, IRI(1:2),
PPON(1:5), OCI(1:5)
• USB interface
DP(1:5), DM(1:5), RSDP(1:5), RSDM(1:5), PC1, PC2, RREF, SELDAT, SELCLK
Above, “5 V” refers to a 3-V buffer with 5-V tolerant circuit. Therefore, it is possible to have a 5-V connection for an
external bus, but the output level will be only up to 3 V, which is the VDD voltage. Similarly, “5 V PCI” above refers to a
PCI buffer that has a 5-V tolerant circuit, which meets the 3-V PCI standard; it does not refer to a PCI buffer that
meets the 5-V PCI standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com