Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 19 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 19 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 15Page - NEC UPD720100AGM-8EY Datasheet HTML 16Page - NEC UPD720100AGM-8EY Datasheet HTML 17Page - NEC UPD720100AGM-8EY Datasheet HTML 18Page - NEC UPD720100AGM-8EY Datasheet HTML 19Page - NEC UPD720100AGM-8EY Datasheet HTML 20Page - NEC UPD720100AGM-8EY Datasheet HTML 21Page - NEC UPD720100AGM-8EY Datasheet HTML 22Page - NEC UPD720100AGM-8EY Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet S15535EJ2V0DS
19
µµµµPD720100A
AC Characteristics (VDD = 3.0 to 3.6 V, TA = 0 to
++++70°°°°C)
PCI Interface Block
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
PCI clock cycle time
tcyc
30
ns
PCI clock pulse, high-level width
thigh
11
ns
PCI clock pulse, low-level width
tlow
11
ns
PCI clock, rise slew rate
Scr
0.2 VDD to 0.6 VDD
14
V/ns
PCI clock, fall slew rate
Scf
0.2 VDD to 0.6 VDD
14
V/ns
PCI reset active time
(vs. power supply stability)
trst
1ms
PCI reset active time (vs. CLK Start)
trst-clk
100
µs
Output float delay time (vs. RST0
↓)trst-off
40
ns
PCI reset rise slew rate
Srr
50
mV/ns
PCI bus signal output time (vs. PCLK
↑)tval
211
ns
PCI point-to-point signal output time
(vs. PCLK
↑)
tval (ptp)
REQ0
2
12
ns
Output delay time (vs. PCLK
↑)ton
2ns
Output float delay time (vs. PCLK
↑)toff
28
ns
Input setup time (vs. PCLK
↑)tsu
7ns
Point-to-point input setup time (vs. PCLK
↑)tsu (ptp)
GNT0
10
ns
Input hold time
th
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com