Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 20 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 20 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 16Page - NEC UPD720100AGM-8EY Datasheet HTML 17Page - NEC UPD720100AGM-8EY Datasheet HTML 18Page - NEC UPD720100AGM-8EY Datasheet HTML 19Page - NEC UPD720100AGM-8EY Datasheet HTML 20Page - NEC UPD720100AGM-8EY Datasheet HTML 21Page - NEC UPD720100AGM-8EY Datasheet HTML 22Page - NEC UPD720100AGM-8EY Datasheet HTML 23Page - NEC UPD720100AGM-8EY Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Data Sheet S15535EJ2V0DS
20
µµµµPD720100A
USB Interface Block
(1/2)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Low Source Electrical Characteristics
Rise time (10% - 90%)
tLR
CL = 50 pF – 150 pF,
RS = 36
Ω
75
300
ns
Fall time (90% - 10%)
tLF
CL = 50 pF – 150 pF,
RS = 36
Ω
75
300
ns
Differential Rise and Fall Time matching
tLRFM
(tLR/tLF)80
125
%
Low-speed Data Rate
tLDRATHS
Average bit rate
1.49925
1.50075
Mbps
Source Jitter Total (including frequency
tolerance):
To Next Transition
For Paired Transitions
tDDJ1
tDDJ2
−25
−14
+25
+14
ns
ns
Source Jitter for Differential Transition to
SE0 transition
tLDEOP
-40
+100
ns
Receiver Jitter:
To Next Transition
For Paired Transitions
tUJR1
tUJR2
−152
−200
+152
+200
ns
ns
Source SE0 interval of EOP
tLEOPT
1.25
1.50
µs
Receiver SE0 interval of EOP
tLEOPR
670
ns
Width of SE0 interval during differential
transition
tFST
210
ns
Full-speed Source Electrical Characteristics
Rise time (10% - 90%)
tFR
CL = 50 pF,
RS = 36
Ω
420
ns
Fall time (90% - 10%)
tFF
CL = 50 pF,
RS = 36
Ω
420
ns
Differential Rise and Fall Time matching
tFRFM
(tFR/tFF)90
111.11
%
Full-speed Data Rate
tFDRATHS
Average bit rate
11.9940
12.0060
Mbps
Frame Interval
tFRAME
0.9995
1.0005
ms
Consecutive Frame Interval Jitter
tRFI
No clock adjustment
42
ns
Source Jitter Total (including frequency
tolerance):
To Next Transition
For Paired Transitions
tDJ1
tDJ2
−3.5
−4.0
+3.5
+4.0
ns
ns
Source Jitter for Differential Transition to
SE0 transition
tFDEOP
−2
+5ns
Receiver Jitter:
To Next Transition
For Paired Transitions
tJR1
tJR2
−18.5
−9
+18.5
+9
ns
ns
Source SE0 interval of EOP
tFEOPT
160
175
ns
Receiver SE0 interval of EOP
tFEOPR
82
ns
Width of SE0 interval during differential
transition
tFST
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com