Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 11 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 11 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 7Page - NEC UPD720100AGM-8EY Datasheet HTML 8Page - NEC UPD720100AGM-8EY Datasheet HTML 9Page - NEC UPD720100AGM-8EY Datasheet HTML 10Page - NEC UPD720100AGM-8EY Datasheet HTML 11Page - NEC UPD720100AGM-8EY Datasheet HTML 12Page - NEC UPD720100AGM-8EY Datasheet HTML 13Page - NEC UPD720100AGM-8EY Datasheet HTML 14Page - NEC UPD720100AGM-8EY Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet S15535EJ2V0DS
11
µµµµPD720100A
2.2
Terminology
Terms Used in Absolute Maximum Ratings
Parameter
Symbol
Meaning
Power supply voltage
VDD
Indicates voltage range within which damage or reduced reliability will not
result when power is applied to a VDD pin.
Input voltage
VI
Indicates voltage range within which damage or reduced reliability will not
result when power is applied to an input pin.
Output voltage
VO
Indicates voltage range within which damage or reduced reliability will not
result when power is applied to an output pin.
Operating temperature
TA
Indicates the ambient temperature range for normal logic operations.
Storage temperature
Tstg
Indicates the element temperature range within which damage or reduced
reliability will not result while no voltage or current are applied to the device.
Terms Used in Recommended Operating Range
Parameter
Symbol
Meaning
Power supply voltage
VDD
Indicates the voltage range for normal logic operations occur when VSS = 0V.
High-level input voltage
VIH
Indicates the voltage, which is applied to the input pins of the device, is the
voltage indicates that the high level states for normal operation of the input
buffer.
* If a voltage that is equal to or greater than the “MIN.” value is applied, the
input voltage is guaranteed as high level voltage.
Low-level input voltage
VIL
Indicates the voltage, which is applied to the input pins of the device, is the
voltage indicates that the low level states for normal operation of the input
buffer.
* If a voltage that is equal to or lesser than the “MAX.” value is applied, the
input voltage is guaranteed as low level voltage.
Terms Used in DC Characteristics
Parameter
Symbol
Meaning
Off-state output leakage current
IOZ
Indicates the current that flows from the power supply pins when the rated
power supply voltage is applied when a 3-state output has high impedance.
Output short circuit current
IOS
Indicates the current that flows when the output pin is shorted (to GND pins)
when output is at high-level.
Input leakage current
II
Indicates the current that flows when the input voltage is supplied to the
input pin.
Low-level output current
IOL
Indicates the current that flows to the output pins when the rated low-level
output voltage is being applied.
High-level output current
IOH
Indicates the current that flows from the output pins when the rated high-
level output voltage is being applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com