Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 13 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 13 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 9Page - NEC UPD720100AGM-8EY Datasheet HTML 10Page - NEC UPD720100AGM-8EY Datasheet HTML 11Page - NEC UPD720100AGM-8EY Datasheet HTML 12Page - NEC UPD720100AGM-8EY Datasheet HTML 13Page - NEC UPD720100AGM-8EY Datasheet HTML 14Page - NEC UPD720100AGM-8EY Datasheet HTML 15Page - NEC UPD720100AGM-8EY Datasheet HTML 16Page - NEC UPD720100AGM-8EY Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet S15535EJ2V0DS
13
µµµµPD720100A
DC Characteristics (VDD = 3.0 to 3.6 V, TA = 0 to
++++70°°°°C)
Control Pin Block
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Off-state output current
IOZ
VO = VDD or VSS
±10
µA
Output short circuit current
IOS
Note
−250
mA
Low-level output current
3.3 V Low-level output current
3.3 V Low-level output current
5.0 V Low-level output current
5.0 V Low-level output current
IOL
VOL = 0.4 V
VOL = 0.4 V
VOL = 0.4 V
VOL = 0.4 V
9.0
3.0
12.0
6.0
mA
mA
mA
mA
High-level output current
3.3 V High-level output current
3.3 V High-level output current
5.0 V High-level output current
5.0 V High-level output current
IOH
VOH = 2.4 V
VOH = 2.4 V
VOH = 2.4 V
VOH = 2.4 V
−9.0
−3.0
−2.0
−2.0
mA
mA
mA
mA
Input leakage current
3.3 V buffer
3.3 V buffer with 50 k
Ω PD
5.0 V buffer
II
VI = VDD or VSS
VI = VDD
VI = VDD or VSS
±10
191
±10
µA
µA
µA
Note The output short circuit time is one second or less and is only for one pin on the LSI.
PCI Interface Block
Parameter
Symbol
Condition
MIN.
MAX.
Unit
High-level input voltage
Vih
2.0
5.25
V
Low-level input voltage
Vil
00.8
V
Low-level output current
IOL
VOL = 0.4 V
12.0
mA
High-level output current
IOH
VOH = 2.4 V
−2.0
mA
Input high leakage current
Iih
Vin = 2.7
70
µA
Input low leakage current
Iil
Vin = 0.5
−70
µA
PME0 leakage current
Ioff
VO < 3.6 V
VCC off or floating
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com