Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 12 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 12 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 8Page - NEC UPD720100AGM-8EY Datasheet HTML 9Page - NEC UPD720100AGM-8EY Datasheet HTML 10Page - NEC UPD720100AGM-8EY Datasheet HTML 11Page - NEC UPD720100AGM-8EY Datasheet HTML 12Page - NEC UPD720100AGM-8EY Datasheet HTML 13Page - NEC UPD720100AGM-8EY Datasheet HTML 14Page - NEC UPD720100AGM-8EY Datasheet HTML 15Page - NEC UPD720100AGM-8EY Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Data Sheet S15535EJ2V0DS
12
µµµµPD720100A
2.3
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD
−0.5 to +4.6
V
Input voltage, 5 V buffer
VI
3.0 V
≤ VDD ≤ 3.6 V
VI
< VDD + 3.0 V
−0.5 to +6.6
V
Input voltage, 3.3 V buffer
VI
3.0 V
≤ VDD ≤ 3.6 V
VI
< VDD + 0.5 V
−0.5 to +4.6
V
Output voltage, 5 V buffer
VO
3.0 V
≤ VDD ≤ 3.6 V
VO
< VDD + 3.0 V
−0.5 to +6.6
V
Output voltage, 3.3 V buffer
VO
3.0 V
≤ VDD ≤ 3.6 V
VO
< VDD + 0.5 V
−0.5 to +4.6
V
Operating temperature
TA
0 to
+70
°C
Storage temperature
Tstg
−65 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameters. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
The ratings and conditions indicated for DC characteristics and AC characteristics represent the
quality assurance range during normal operation.
Recommended Operating Ranges
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating voltage
VDD
3.0
3.3
3.6
V
High-level input voltage
VIH
3.3 V High-level input voltage
2.0
VDD
V
5.0 V High-level input voltage
2.0
5.5
V
Low-level input voltage
VIL
3.3 V Low-level input voltage
0
0.8
V
5.0 V Low-level input voltage
0
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com