Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AGM-8EY Datasheet(PDF) 5 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 5 Page - NEC

  UPD720100AGM-8EY Datasheet HTML 1Page - NEC UPD720100AGM-8EY Datasheet HTML 2Page - NEC UPD720100AGM-8EY Datasheet HTML 3Page - NEC UPD720100AGM-8EY Datasheet HTML 4Page - NEC UPD720100AGM-8EY Datasheet HTML 5Page - NEC UPD720100AGM-8EY Datasheet HTML 6Page - NEC UPD720100AGM-8EY Datasheet HTML 7Page - NEC UPD720100AGM-8EY Datasheet HTML 8Page - NEC UPD720100AGM-8EY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet S15535EJ2V0DS
5
µµµµPD720100A
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1VDD
41
VSS
81
VDD
121
VSS
2
NTEST1
42
VSS
82
AD5
122
VSS
3
NTEST2
43
AD23
83
AD4
123
RSDM1
4
TEST
44
SMC
84
AD3
124
DM1
5
XT1/SCLK
45
SIN/TIN
85
AD2
125
VDD
6
XT2
46
SOT/TOUT
86
AD1
126
DP1
7
LEGC
47
AD22
87
AD0
127
RSDP1
8VDD
48
AD21
88
CRUN0
128
VSS
9VSS
49
AD20
89
VDD_PCI
129
RSDM2
10
VCCRST0
50
AD19
90
SRDTA
130
DM2
11
SMI0
51
VDD
91
SRCLK
131
VDD
12
IRI1
52
AD18
92
SRMOD
132
DP2
13
IRI2
53
AD17
93
OCI1
133
RSDP2
14
IRO1
54
AD16
94
PPON1
134
VSS
15
IRO2
55
CBE20
95
OCI5
135
VDD
16
A20S
56
FRAME0
96
OCI2
136
AVSS
17
PME0
57
IRDY0
97
OCI4
137
AVDD
18
PCLK
58
TRDY0
98
AMC
138
PC2
19
VBBRST0
59
DEVSEL0
99
OCI3
139
AVSS
20
VDD
60
VDD_PCI
100
VDD
140
PC1
21
VSS
61
STOP0
101
VSS
141
N.C.
22
VDD_PCI
62
PERR0
102
PPON2
142
AVDD
23
INTA0
63
SERR0
103
PPON3
143
AVSS (R)
24
INTB0
64
PAR
104
SCK/TCLK
144
RREF
25
INTC0
65
CBE10
105
PPON4
145
AVSS
26
PIN_EN
66
VSS
106
TEB
146
VDD
27
GNT0
67
AD15
107
PPON5
147
VSS
28
REQ0
68
AD14
108
VSS
148
RSDM3
29
AD31
69
AD13
109
CLKSEL
149
DM3
30
AD30
70
VDD
110
VSS
150
VDD
31
VSS
71
AD12
111
RSDM5
151
DP3
32
AD29
72
AD11
112
DM5
152
RSDP3
33
AD28
73
AD10
113
VDD
153
VSS
34
AD27
74
AD9
114
DP5
154
RSDM4
35
AD26
75
AD8
115
RSDP5
155
DM4
36
AD25
76
CBE00
116
VSS
156
VDD
37
AD24
77
AD7
117
SELDAT
157
DP4
38
CBE30
78
AD6
118
N.C.
158
RSDP4
39
IDSEL
79
VSS
119
SELCLK
159
VSS
40
VDD
80
VSS
120
VDD
160
VSS
Remark AVSS (R) should be used to connect RREF through 1 % precision reference resistor of 9.1 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com