Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 2 Page - Texas Instruments

  TAS3208PZP Datasheet HTML 1Page - Texas Instruments TAS3208PZP Datasheet HTML 2Page - Texas Instruments TAS3208PZP Datasheet HTML 3Page - Texas Instruments TAS3208PZP Datasheet HTML 4Page - Texas Instruments TAS3208PZP Datasheet HTML 5Page - Texas Instruments TAS3208PZP Datasheet HTML 6Page - Texas Instruments TAS3208PZP Datasheet HTML 7Page - Texas Instruments TAS3208PZP Datasheet HTML 8Page - Texas Instruments TAS3208PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
SAP
IN
Audio
processing
Control
I
2 C
8051
A -MUX
10 :1
2CH
ADC
10 chstereo
Analog
Inputs
DAC
Mod
6 CH
DAC
SPDIF
HPAMP
SDIN 1
SDIN 2
SDIN 3
HPOUTL / R
SAP
OUT
SDOUT 1
SCL 1
SDA 1
SCL 2
SDA 2
GPIO 1- 4
CS
SPDIFOUT
/
SDOUT 2
3:1
MUX
SPDIFIN
MUTEZ
2
2
DACOUT 1 L/ R
2
DACOUT 2L/ R
2
2
MCLKIN
SCLKIN
LRCLKIN
MCLKOUT
SCLKOUT
LRCLKOUT
2
A- MUX
11:1
SCLKI
LRCLKI
0.8 uF
2.8 V
RMS
2.2 uF
10K ohm
ApplytoallLineand
DACoutputs
10 K ohm
220
33K
0.9 V
RMS( MAX )
47 uF
LINEOUT 1L/R
2
10 chstereo
10 chstereo
AnaloglineInput
1V
RMS
16 Ohm
1V
RMS( MAX )
Lineoutputs
DACoutputs
Clock
Control
OSC
512Fs
AVSS
TBD
TBD
512 Fs
10 pf
10 pf
AVSS
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
The TAS3208 is composed of seven functional blocks:
•
Clock and serial data interface
•
Analog input and output
•
M8051 WARP controller, serial control interface, and device control
•
Audio DSP
– digital audio processing
•
Power supply
•
Internal references
Figure 1 shows the functional structure of the TAS3208.
Figure 1. Block Diagram
2
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com