Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 42Page - Texas Instruments TAS3208PZP Datasheet HTML 43Page - Texas Instruments TAS3208PZP Datasheet HTML 44Page - Texas Instruments TAS3208PZP Datasheet HTML 45Page - Texas Instruments TAS3208PZP Datasheet HTML 46Page - Texas Instruments TAS3208PZP Datasheet HTML 47Page - Texas Instruments TAS3208PZP Datasheet HTML 48Page - Texas Instruments TAS3208PZP Datasheet HTML 49Page - Texas Instruments TAS3208PZP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
TIMING REQUIREMENTS
– RESET
control signal parameters over recommended operating conditions (unless otherwise noted) (see Figure 35)
MIN
TYP
MAX
UNIT
trDMSTATE
Time to outputs inactive
100
µs
twRESET
Pulse duration, RESET active
200
ns
trEMSTATE
Time to enable I2C
<50
ms
TIMING REQUIREMENTS
– SERIAL AUDIO PORT SLAVE MODE
over recommended operating conditions (unless otherwise noted) (see Figure 36)
MIN
TYP
MAX
UNIT
fLRCLK
Frequency, LRCLKIN (FS)
32
48
kHz
twSCLKIN
Pulse duration, SCLKIN high(1)
0.4
× tcyc
0.6
× tcyc
ns
fSCLKIN
Frequency, SCLKIN
64 Fs
MHz
tcyc
Cycle time, SCLKIN(1)
1/64 Fs
ns
tpd1
Propagation delay, SCLKIN falling edge to SDOUT
16
ns
tsu1
Setup time, LRCLK to SCLKIN rising edge
10
ns
th1
Hold time, LRCLK from SCLKIN rising edge
5
ns
tsu2
Setup time, SDIN to SCLKIN rising edge
10
ns
th2
Hold time, SDIN from SCLKIN rising edge
5
ns
Propagation delay, SCLKIN falling edge to SCLKOUT
tpd2
SCLKOUT = SCLKIN
15
ns
falling edge
(1)
tcyc = 1/ fSCLKIN
TIMING REQUIREMENTS
– SERIAL AUDIO PORT MASTER MODE
over recommended operating conditions (unless otherwise noted) (see Figure 37)
MIN
TYP
MAX
UNIT
fLRCLK
Frequency, LRCLKOUT
48
kHz
trLRCLK
Rise time, LRCLKOUT
CL = 30 pF
12
ns
tfLRCLK
Fall time, LRCLKOUT
CL = 30 pF
12
ns
fSCLKOUT
Frequency, SCLKOUT(1)
64 Fs
MHz
trSCLKOUT
Rise time, SCLKOUT
CL = 30 pF
12
ns
tfSCLKOUT
Fall time, SCLKOUT
CL = 30 pF
12
ns
tpd1
Propagation delay, SCLKOUT falling edge to LRCLKOUT edge
5
ns
tpd2
Propagation delay, SCLKOUT falling edge to SDOUT1
–2
5
ns
tsu
Setup time, SDIN to SCLKOUT rising edge
25
ns
th
Hold time, SDIN from SCLKOUT rising edge
30
ns
(1)
Typical duty cycle is 50/50.
TIMING CHARACTERISTICS
– SPDIF INTERFACE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fs
Encoded data sampling rate
32
48
kHz
Rspdif
SPDIF signal bit rate
128 Fs
MHz
UI
Unit interval
1/Rspdif
ns
TLO/THI
Low/high periods
1 UI
3 UI
ns
VOH
High-level output voltage
3.3-V TTL, IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL, IOL = 4 mA
0.5
V
46
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com