Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 6Page - Texas Instruments TAS3208PZP Datasheet HTML 7Page - Texas Instruments TAS3208PZP Datasheet HTML 8Page - Texas Instruments TAS3208PZP Datasheet HTML 9Page - Texas Instruments TAS3208PZP Datasheet HTML 10Page - Texas Instruments TAS3208PZP Datasheet HTML 11Page - Texas Instruments TAS3208PZP Datasheet HTML 12Page - Texas Instruments TAS3208PZP Datasheet HTML 13Page - Texas Instruments TAS3208PZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
LRCLK (note reversed phase)
SCLK
2-Channel I S (Philips Format) Stereo Input
2
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
MCLKOUT, SCLKOUT, and LRCLKOUT are passed through from the clock inputs MCLKIN, SCLKIN, and
LCLKIN.
•
MCLKIN 256
× Fs is supplied externally.
•
SCLKIN 64
× Fs is supplied externally.
•
LRCLKIN Fs is supplied externally.
NOTE
In slave mode, all incoming serial audio data must be synchronous to an incoming
LRCLKIN of 32, 44.1, or 48 kHz. The TAS3208 does not support the use of an external
(i.e., 24-MHz) clock input into XTALI.
Digital Audio Data Formats
Serial data is input on pins SDIN3
–SDIN1 on the TAS3208, allowing up to six channels of digital audio input. The
TAS3208 supports 16-, 20-, or 24-bit data in left, right, or I2S serial data format. By default, all TAS3208 serial
digital inputs are configured in the 24-bit I2S format. The serial data input format is configurable via the
SAP/Clock Settings register.
Serial data is output on pins SDOUT1 and SDOUT2, allowing up to four channels of digital audio output. By
default, the SDOUT data format is 24-bit I2S format at the same data rate as the input. The SDOUT1 and
SDOUT2 outputs use SCLKOUT and LRCLKOUT signals to provide synchronization. SDOUT2 is multiplexed
with an SPDIF output.
NOTE
To avoid audio artifacts, I2C commands to reconfigure the serial audio port (SAP) should
not be issued as stand-alone commands, rather they should be accompanied by mute and
unmute commands.
The TAS3208 uses the SCLK as a reference for both input and output samples. The negative edge of SCLK is
used to output a new data bit, whereas the positive edge of SCLK is used to sample incoming serial data.
Discrete I2S Timing
I2S timing uses an LRCLK to define when the data being transmitted is for the left channel and when it is for the
right channel. The LRCLK is LOW for the left channel and HIGH for the right channel. A bit clock running at 64
×
Fs is used to clock in the data. There is a delay of one bit clock from the time the LRCLK signal changes state to
the first bit of data on the data lines. The data is written most significant bit (MSB) first and is valid on the rising
edge of bit clock. The TAS3208 will mask unused trailing data bit positions.
A.
All data are presented in 2s-complement form with MSB first.
Figure 5. SAP I2S 64
× Fs Format
10
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com