Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 24Page - Texas Instruments TAS3208PZP Datasheet HTML 25Page - Texas Instruments TAS3208PZP Datasheet HTML 26Page - Texas Instruments TAS3208PZP Datasheet HTML 27Page - Texas Instruments TAS3208PZP Datasheet HTML 28Page - Texas Instruments TAS3208PZP Datasheet HTML 29Page - Texas Instruments TAS3208PZP Datasheet HTML 30Page - Texas Instruments TAS3208PZP Datasheet HTML 31Page - Texas Instruments TAS3208PZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
I C Sub Address x 0C
2
S Slave Addr
Sub Addr
Ack
Ack WDE
See Note A
Res
Reset
Reset
“0” (default state) enables
watchdog timer
GPIO IN/OUT GPIO DIR
31
30
27
1
1
0
25
Ack
Ack
Ack
GPIOMICROCOUNT
MS BYTE
GPIOMICROCOUNT
LS BYTE
Ack
GPIO_samp_int
0
24
23
15
7
0
Watchdog Timer
MICRO_CLK
MICRO_CLK
Data_IN_OUT
Data Path
Switch
Sampling
Logic
Decode 2^16
Decode 2^16
8051 uC Firmware
8051 uControl
Down Counter
LD
Q
D
GPIO1
ENB
Q
D
GPIO1
ENB
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Watchdog Timer
There is a hardware watchdog timer in the TAS3208 that can be programmed in the customer application code
to monitor the microprocessor activity. If the watchdog timer expires, it will generate a reset to the 8051
microprocessor. GPIOMICROCOUNT, in subaddress 0x0C, is used in order to trigger GPIO and the monitoring
to the DSP diagnostic count. Because of this, the value selected for GPIOMICROCOUNT must be chosen to
provide a good tradeoff of between micro overheard and adequate execution frequency of these processes. The
default value for this counter is 0x5820 which corresponds to a period of 1.25 ms.
Figure 18 shows the GPIO register, the GPOI interface, and a typical user application code implementation of the
watchdog timer reset.
A.
Determines how many consecutive logic 0 samples (where each sample is spaced by GPIOMICROCOUNT
Micro_clks) are required to read a logic 0 on a GPIO input port
Figure 18. GPIO Ports
28
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com