Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 58Page - Texas Instruments TAS3208PZP Datasheet HTML 59Page - Texas Instruments TAS3208PZP Datasheet HTML 60Page - Texas Instruments TAS3208PZP Datasheet HTML 61Page - Texas Instruments TAS3208PZP Datasheet HTML 62Page - Texas Instruments TAS3208PZP Datasheet HTML 63Page - Texas Instruments TAS3208PZP Datasheet HTML 64Page - Texas Instruments TAS3208PZP Datasheet HTML 65Page - Texas Instruments TAS3208PZP Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
SAP/Clock Setting Register (0x00)
The SAP/Clock Setting register is used to configure the device as a clock master/slave, as well as specify the
desired format of the digital audio ports. This register is four bytes in length.
Table 22. SAP/Clock Setting Register
BIT
31
30
29
28
27
26
25
24
DESCRIPTION
0
0
0
0
0
0
0
Unused
CM/S
Clock master/slave select
BIT
23
22
21
20
19
18
17
16
Unused
ON
SAP output normalization
BIT
15
14
13
12
11
10
9
8
0
Unused
OW1
OW0
Digital audio output word size
0
0
Unused
IW1
IW0
Digital audio input word size
BIT
7
6
5
4
3
2
1
0
0
Unused
OM1
OM0
Digital audio output format
0
0
Unused
IM1
IM0
Digital audio input format
Table 23. Clock Master/Slave Select(1)
CLOCK MASTER/SLAVE SELECT
CMS
Master
1
Slave
0
(1)
Default values are shown in italics.
Table 24. Digital Audio Port Normalization(1)
DIGITAL AUDIO PORT NORMALIZATION
ON
Enable
1
Disable
0
(1)
Default values are shown in italics.
Bits 9
–8 (IW1 and IW0) define the data word size for the input SAP. Bits 13–12 (OW1 and OW0) define the data
word size for the output SAP.
Table 25. Audio Data Word Size(1)
DIGITAL AUDIO I/O WORD SIZE
IW1/OW1
IW0/OW0
16 bit
0
0
20 bit
0
1
24 bit
1
0
–
1
1
(1)
Default values are shown in italics.
62
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com