Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 5Page - Texas Instruments TAS3208PZP Datasheet HTML 6Page - Texas Instruments TAS3208PZP Datasheet HTML 7Page - Texas Instruments TAS3208PZP Datasheet HTML 8Page - Texas Instruments TAS3208PZP Datasheet HTML 9Page - Texas Instruments TAS3208PZP Datasheet HTML 10Page - Texas Instruments TAS3208PZP Datasheet HTML 11Page - Texas Instruments TAS3208PZP Datasheet HTML 12Page - Texas Instruments TAS3208PZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
I C Sub Address x 00
2
S Slave Addr
Sub Addr
Ack
Ack
Ack
Ack
Ack
Ack
IM
Res
Res
Res
Res
OM
Res
Res
Res
ON
OW
Res
IW
Res
CMS
31
25
24
23
21
18
16
15
13
11
9
7
5
3
1
0
I C Sub Address x 01
2
S Slave Addr
Sub Addr
Ack
Ack
N
Ack
Res
Res
Ack
Ack Res
Ack
M
Res
31
23
15
7
6
2
0
CLOCK MASTER SELECT
CMS
0
Clock slave mode
1
Master mode
SAP OUTPUT NORMALIZATION
ON
0
Normalization disable
1
Normalization enable
OUTPUT SAP WORD SIZE
16-bit
20-bit
24-bit
OW[1]
0
0
1
1
OW[0]
0
1
0
1
Reserved
INPUT SAP WORD SIZE
16-bit
20-bit
24-bit
IW[1]
0
0
1
1
IW[0]
0
1
0
1
Reserved
INPUT SAP MODE
Left-justified
Right-justified
I S
2
IM[1]
0
0
1
1
IM[0]
0
1
0
1
Reserved
OUTPUT SAP MODE
Left-justified
Right-justified
I S
2
OM[1]
0
0
1
1
OM[0]
0
1
0
1
Reserved
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Figure 4. Clocking System I2C Mapping
Clock Master Operation
When configured as the device clock master, an external crystal is used as a reference to an internal oscillator.
In this mode of operation, all internal clocks are generated by the oscillator.
•
LRCLKOUT is fixed at 48 kHz (Fs).
•
SCLKOUT is fixed at 64
× Fs.
•
MCLKOUT is fixed 256
× Fs.
Clock Slave Operation
When configured as the device clock slave, the DAP, MCU, and I2C interface are derived from the external
crystal. However, the digital audio clocks are supplied externally.
Internal analog clocks for the analog-to-digital converter (ADC) and digital-to-analog converter (DAC) are derived
from the MCLKIN input. As a result, analog performance depends on the quality of MCLKIN.
Degradation in analog performance is to be expected, depending on the quality of MCLKIN.
The TAS3208 device does not include any internal clock error or click/pop detection/management. The muting of
the outputs at updating of sample-rate-dependent coefficients must be initiated by the host system controller.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com