Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 21Page - Texas Instruments TAS3208PZP Datasheet HTML 22Page - Texas Instruments TAS3208PZP Datasheet HTML 23Page - Texas Instruments TAS3208PZP Datasheet HTML 24Page - Texas Instruments TAS3208PZP Datasheet HTML 25Page - Texas Instruments TAS3208PZP Datasheet HTML 26Page - Texas Instruments TAS3208PZP Datasheet HTML 27Page - Texas Instruments TAS3208PZP Datasheet HTML 28Page - Texas Instruments TAS3208PZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
Table 6. Process Description
PROCESS STATE
ESFR
DESCRIPTION
DSP
→ idle
uP
→ initialization
I2C bus
→ high
uP flush internal RAM
Clear micro internal RAM (256 byte)
uP flush external RAM
Clear micro external RAM (2048 byte)
uP command to flush delay memory
clr_dly_ram (0xc0 bit(3))
1
uP initialize variables
Initialize variables
mute0_t
0
mute1_t
0
Default mutez control
mute2_t
0
reset_dac_mod
0xff
reset_adc_sinc
0x03
uP set default H/W configuration
clock_control1
0x0a
clock_delay_control2
0x05
clock_delay_sel
0x80
i2s_word_byte
0x22
IW/OW: 24 bit
i2c_mode_byte
0x22
IM/OM: I2S
sap_en
1
uP flush uP instruction RAM
mem_sel
0x02
Clear uP instruction RAM (16384 byte)
uP flush DSP instruction RAM
mem_sel
0x01
Clear DSP instruction RAM (3328 W)
Clear DSP lower coefficient RAM (1024 W) and data
uP flush DSP lower coefficient/data RAM
mem_sel
0x00
(48 bit) RAM (768 W)
Setup I2C master interface mode (enable interrupt
Enable I2C master interface
10)
EEPROM load
Disable I2C master mode and enable
i2c_ms_ctl
0
Switch control MUX to slave I2C port
slave interface
Switch ROM to RAM
pc_source
1
If (gpio_in_3_0 == 1) {
Host_dsp = 1; /* keep DSP turned off */
Load default DSP
host_dsp
0
} else {
Program and coefficient
Host_dsp = 0; /* turn on DSP */
}
GPIO1 output low
Enable GPIO output mode, and output low
Control Pins
RESET
RESET is an asynchronous control signal that restores all TAS3208 components to the default configuration.
When a reset occurs, the digital audio processor (DAP) is put into an idle state and the M8051 MCU starts
initialization. A reset can be initiated by inputting logic 0 on the reset pin . A reset will also be issued at power-up
sequencing by the internal 1.8-V regulator power subsystem.
NOTE
There is a 1.3-
µs deglitch filter on RESET.
During a power up sequencing process, RESET should be held low until the DVDD and AVDD power inputs
have reached a voltage of 3 V.
As long as RESET is held a logic 0, the device is in the reset state. During this reset state, all I2C and serial data
bus operations are ignored. The I2C interface SCL and SDA lines goes HIGH and remain in that state until
device initialization has completed.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com