Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208PZP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208PZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208PZP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS3208PZP Datasheet HTML 23Page - Texas Instruments TAS3208PZP Datasheet HTML 24Page - Texas Instruments TAS3208PZP Datasheet HTML 25Page - Texas Instruments TAS3208PZP Datasheet HTML 26Page - Texas Instruments TAS3208PZP Datasheet HTML 27Page - Texas Instruments TAS3208PZP Datasheet HTML 28Page - Texas Instruments TAS3208PZP Datasheet HTML 29Page - Texas Instruments TAS3208PZP Datasheet HTML 30Page - Texas Instruments TAS3208PZP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
TAS3208
www.ti.com
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
GPIO1 Pin Function
•
After RESET or power-up initialization, if no EEPROM is present, a memory error occurs, or SDA and SCL
are pulled LOW for 1 ms, then TAS3208 will disable the master I2C interface and enable the slave I2C
interface initialization, to load the slave default configuration.
– When GPIO1 has been pulled HIGH through a 10-kΩ to 20-kΩ resistor, the TAS3208 will then initialize in
the default configuration with the serial data outputs not active. Once the TAS3208 has completed its
default initialization procedure, with the Status register updated and the I2C slave interface enabled,
GPIO1 will become an output and will be driven LOW. Following the HIGH to LOW transition of GPIO1,
the system controller can access the TAS3208 through the I2C interface and read the Status register to
determine the load status.
If a memory read error occurs, the TAS3208 reports the error in the Status register.
– When GPIO1 has been pulled LOW through a 10-kΩ to 20-kΩ resistor to permit a simple functional device
test, GPIO1 can be pulled LOW using external logic and a 10-k
Ω to 20-kΩ resistor. In this case, once the
TAS3208 has completed its default test initialization procedure, with the Status register updated and the
I2C slave interface enabled, the TAS3208 will stream audio from the input SDIN1 to outputs SDOUT1 and
SDOUT2.
At this point, GPIO1 becomes an output and will be driven LOW. If the external logic is no longer driving
GPIO1 LOW after the load has completed (
≉100 ms following a RESET if no EEPROM is present), the
state of GPIO1 can be observed. At this point, the system controller can access the TAS3208 through the
I2C interface and read the Status register to determine the load status.
NOTE
If the GPIO1 pin state is not observed, the only indication that the device has completed
its initialization procedure is that the TAS3208 will stream audio and the I2C slave
interface has been enabled.
NOTE
Some I2C masters will hang when they receive a NAC during an I2C transaction.
•
Once the TAS3208 has been programmed either through a successful boot load or via slave I2C download,
the operation of GPIO1 can be programmed to be an input or an output.
GPIO Ports
In I2C slave mode, the GPIO ports can be used as true general-purpose ports. Each port can be individually
programmed via the I2C bus to be either an input or output port. The default assignment for all GPIO ports in I2C
slave mode is an input port.
When a given GPIO port is programmed as an output port, by setting the appropriate bit in the bit field GPIODIR
of subaddress 0x0C to logic 1, the logic-level output is set by the logic level programmed into the appropriate bit
in bit field GPIO IN OUT. The I2C bus then controls the logic output level for those GPIO ports assigned as
output ports. When a given GPIO port is programmed as an input port by setting the appropriate bit in bit field
GPIODIR to logic 0, the logic input level into the GPIO port is written to the appropriate bit in bit field GPIO IN
OUT. The I2C bus then can be used to read bit field GPIO IN OUT to determine the logic levels at the input GPIO
ports. Whether a given bit in the bit field GPIO IN OUT is a bit to be read via the I2C bus or a bit to be written to
via the I2C bus is strictly determined by the corresponding bit setting in bit field GPIODIR.
In I2C slave mode, the GPIO input ports are read every GPIOMICROCOUNT micro clocks, as was the case in
the I2C master mode. However, parameter GPIO_samp_int does not have a role in I2C slave mode. If a GPIO
port is assigned as an output port, a logic 0 bit value is supplied by the TAS3208 for this GPIO port in response
to a read transaction at subaddress 0x0C.
If the GPIO ports are left in their power turnon default state, they are input ports with a weak pullup on the input
to VDSS.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com