Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 2 Page - Texas Instruments

  THS1041CPWR Datasheet HTML 1Page - Texas Instruments THS1041CPWR Datasheet HTML 2Page - Texas Instruments THS1041CPWR Datasheet HTML 3Page - Texas Instruments THS1041CPWR Datasheet HTML 4Page - Texas Instruments THS1041CPWR Datasheet HTML 5Page - Texas Instruments THS1041CPWR Datasheet HTML 6Page - Texas Instruments THS1041CPWR Datasheet HTML 7Page - Texas Instruments THS1041CPWR Datasheet HTML 8Page - Texas Instruments THS1041CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
2
www.ti.com
AVAILABLE OPTIONS
PRODUCT
PACKAGE
LEAD
PACKAGE
DESGIGNATOR†
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKINGS
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
THS1041C
0
°C to 70°C
TH1041
THS1041CPW
Tube, 50
THS1041C
TSSOP−28
PW
0
°C to 70°C
TH1041
THS1041CPWR
Tube and Reel, 2000
THS1041I
TSSOP−28
PW
−40
°C to 85°C
TJ1041
THS1041IPW
Tube, 50
THS1041I
−40
°C to 85°C
TJ1041
THS1041IPWR
Tube and Reel, 2000
THS1041C
0
°C to 70°C
TH1041
THS1041CDW
Tube, 20
THS1041C
SOP−28
DW
0
°C to 70°C
TH1041
THS1041CDWR
Tube and Reel, 1000
THS1041I
SOP−28
DW
−40
°C to 85°C
TJ1041
THS1041IDW
Tube, 20
THS1041I
−40
°C to 85°C
TJ1041
THS1041IDWR
Tube and Reel, 1000
† For the most current specification and package information, refer to the TI web site at www.ti.com.
functional block diagram
10 Bit
DAC
SHPGA
10 Bit
ADC
ADC
Reference
Resistor
Digital
Interface
3-State
Output
Buffers
Mode
Detection
0.5 V
CLAMPOUT
CLAMP
AIN+
AIN−
MODE
REFSENSE
VREF
REFB
REFT
WR
I/O (0−9)
OVR
OE
Timing
Circuit
CLK
AVDD
AGND
CLAMPIN
Clamp
Logic
Clamp
Logic
Clamp
Logic
A2
+
−
A1
VREF
DVDD
DGND
NOTE: A1 − Internal bandgap reference
A2 − Internal ADC reference generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com