Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 10Page - Texas Instruments THS1041CPWR Datasheet HTML 11Page - Texas Instruments THS1041CPWR Datasheet HTML 12Page - Texas Instruments THS1041CPWR Datasheet HTML 13Page - Texas Instruments THS1041CPWR Datasheet HTML 14Page - Texas Instruments THS1041CPWR Datasheet HTML 15Page - Texas Instruments THS1041CPWR Datasheet HTML 16Page - Texas Instruments THS1041CPWR Datasheet HTML 17Page - Texas Instruments THS1041CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
14
www.ti.com
TYPICAL CHARACTERISTICS
Figure 21
0
0.4
0.8
1.2
1.6
2
2.4
Vreft
Vrefb
Vref = 1 V, Reft = 10 µF,
Refb = 10
µF, AVDD = 3 V
POWER-UP TIME FOR INTERNAL
REFERENCE VOLTAGE FROM STANDBY
Powerup Time −
µs
Figure 22
70
90
110
4
8
12
16
20
24
28
32
36
40
44
Int. Ref
TA = 25°C
Ext. Ref
TA = 25°C
AVDD = 3 V,
Vref = 1 V
POWER DISSIPATION
vs
SAMPLE RATE
fs − Sample Rate − MSPS
Figure 23
−8
−6
−4
−2
0
2
4
10
100
300
500
700
900
1100
INPUT BANDWIDTH
fi − Input Frequency − MHz
AVDD = 3 V
DVDD = 3 V
fs = 40 MSPS
See Note
Figure 24
TA − Free-Air Temperature − °C
9.35
9.40
9.45
9.50
9.55
9.60
9.65
9.70
9.75
−40 −30 −20 −10 0 10 20 30 40 50 60 70
80
EFFECTIVE NUMBER OF BITS
vs
FREE-AIR TEMPERATURE
Diff Input = 2 V,
fi = 4.4 MHz, −0.5 dBFS
fS = 40 MSPS
NOTE: No series resistors and no bypass capacitors at AIN+ and AIN− inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com