Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 23Page - Texas Instruments THS1041CPWR Datasheet HTML 24Page - Texas Instruments THS1041CPWR Datasheet HTML 25Page - Texas Instruments THS1041CPWR Datasheet HTML 26Page - Texas Instruments THS1041CPWR Datasheet HTML 27Page - Texas Instruments THS1041CPWR Datasheet HTML 28Page - Texas Instruments THS1041CPWR Datasheet HTML 29Page - Texas Instruments THS1041CPWR Datasheet HTML 30Page - Texas Instruments THS1041CPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
27
www.ti.com
PRINCIPLES OF OPERATION
digital control registers
The THS1041 contains two clamp registers and a control register for user programming of THS1041 operation.
Binary data can be written into these registers by using pins I/O0 to I/O9 and the WR and OE pins (see the
previous section). In input mode, the two I/O bus MSBs are address bits, 00 addressing clamp register 1, 01
clamp register 2, and 10 the control register. The clamp registers and control registers are write only registers,
and stored values cannot be read on the I/O data bus.
Table 2. Register Map
ADDRESS
DESCRIPTION
DEF
W
BIT
ADDRESS
I/O[9:8]
DESCRIPTION
DEF
(HEX)
W
B7
B6
B5
B4
B3
B2
B1
B0
00
Clamp register 1
00
W
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
01
Clamp register 2
00
W
DAC[9]
DAC[8]
10
Control register
01
W
CLDIS
TWOC
CLINT
PDWN
PGA[2]
PGA[1]
PGA[0]
11†
Reserved†
† Do not write to register 11
Table 3. Register Contents
REGISTER
BIT NO
BIT NAME(S)
DEFAULT
DESCRIPTION
2:0
PGA[2:0]
001
PGA gain:
000 = 0.5
001 = 1.0 (default value)
010 = 1.5
011 = 2.0
100 = 2.5
101 = 3.0
110 = 3.5
111 = 4.0
Control register
I/O[9:8] = 10
3
PDWN
0
Power down
0 = THS1041 powered up
1 = THS1041 powered down
I/O[9:8] = 10
4
CLINT
0
Clamp voltage internal/external
0 = external analog clamp voltage from CLAMPIN pin
1 = from onboard DAC (see clamp register)
5
TWOC
0
Output format
0 = unsigned binary
1 = twos complement
6
CLDIS
0
CLAMPOUT pin disable (for power saving)
0 = Enable
1 = Disable
7
Unused
Clamp register 1
I/O[9:8] = 00
7:0
DAC[7:0]
0
Clamp DAC voltage
(DAC[0] = LSB.)
DAC[9:0] = 00h: Clamp voltage = REFB
DAC[9:0] = 3Fh: Clamp voltage = REFT
Clamp register 2
7:2
Unused
Clamp register 2
I/O[9:8] = 01
1:0
DAC[9:8]
0
Clamp DAC voltage
(DAC[9] = MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com