Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 18Page - Texas Instruments THS1041CPWR Datasheet HTML 19Page - Texas Instruments THS1041CPWR Datasheet HTML 20Page - Texas Instruments THS1041CPWR Datasheet HTML 21Page - Texas Instruments THS1041CPWR Datasheet HTML 22Page - Texas Instruments THS1041CPWR Datasheet HTML 23Page - Texas Instruments THS1041CPWR Datasheet HTML 24Page - Texas Instruments THS1041CPWR Datasheet HTML 25Page - Texas Instruments THS1041CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
22
www.ti.com
PRINCIPLES OF OPERATION
onboard reference generator configuration (continued)
_
+
VBG
ADC
References
Buffer A2
MODE =
REFSENSE
AGND
VREF = External
AVDD
_
+
AVDD
2
or AVDD
Figure 33. Drive VREF Mode
operating configuration examples
Figure 34 shows a configuration using the internal ADC references for digitizing a single-ended signal with span
0 V to 2 V. Tying REFSENSE to ground gives 1 V at pin VREF. Tying MODE to AVDD/2 then sets the REFT and
REFB voltages via the internal reference generator for a 2-Vp-p ADC input range and the CLAMPOUT pin also
provides the midscale 1-V bias for the AIN− input. Using the clamp to drive AIN− rather than connecting AIN−
directly to VREF helps to prevent kickback from the AIN− pin corrupting VREF. AIN− can be connected to VREF,
provided that VREF is well-decoupled to analog ground. Internal PGA gain setting is 1.
AIN+
AIN−
VREF = 1 V
REFB
MODE
REFSENSE
AVDD/2
2 V
0 V
1 V
CLAMPOUT
REFT
CLAMPIN
CLAMP
AVDD
20
Ω
20
Ω
10
µF
0.1
µF
0.1
µF
10
µF 0.1 µF
20 pF
20 pF
1
µF
Figure 34. Operating Configuration: 2-V Single-Ended Input, Internal ADC References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com