Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 3 Page - Texas Instruments

  THS1041CPWR Datasheet HTML 1Page - Texas Instruments THS1041CPWR Datasheet HTML 2Page - Texas Instruments THS1041CPWR Datasheet HTML 3Page - Texas Instruments THS1041CPWR Datasheet HTML 4Page - Texas Instruments THS1041CPWR Datasheet HTML 5Page - Texas Instruments THS1041CPWR Datasheet HTML 6Page - Texas Instruments THS1041CPWR Datasheet HTML 7Page - Texas Instruments THS1041CPWR Datasheet HTML 8Page - Texas Instruments THS1041CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
3
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
1
I
Analog ground
AIN+
27
I
Positive analog input
AIN−
25
I
Negative analog input
AVDD
28
I
Analog supply
CLAMP
19
I
High to enable clamp mode, low to disable clamp mode
CLAMPIN
20
I
Connect to an external analog clamp reference input.
CLAMPOUT
21
O
The CLAMPOUT pin can provide a dc restoration or a bias source function (see AC reference generation
section). If neither function is required then the clamp can be disabled to save power (see power management
section).
CLK
15
I
Clock input
DGND
14
I
Digital ground
DVDD
2
I
Digital supply
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
3
4
5
6
7
8
9
10
11
12
I/O
Digital I/O bit 0 (LSB)
Digital I/O bit 1
Digital I/O bit 2
Digital I/O bit 3
Digital I/O bit 4
Digital I/O bit 5
Digital I/O bit 6
Digital I/O bit 7
Digital I/O bit 8
Digital I/O bit 9 (MSB)
MODE
23
I
Operating mode select (AGND, AVDD/2, AVDD)
OE
16
I
High to high-impedance state the data bus, low to enable the data bus
OVR
13
O
Out-of-range indicator
REFB
24
I/O
Bottom ADC reference voltage
REFSENSE
18
I
VREF mode control
REFT
22
I/O
Top ADC reference voltage
VREF
26
I/O
Internal or external reference
WR
17
I
Write strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com