Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 2Page - Texas Instruments THS1041CPWR Datasheet HTML 3Page - Texas Instruments THS1041CPWR Datasheet HTML 4Page - Texas Instruments THS1041CPWR Datasheet HTML 5Page - Texas Instruments THS1041CPWR Datasheet HTML 6Page - Texas Instruments THS1041CPWR Datasheet HTML 7Page - Texas Instruments THS1041CPWR Datasheet HTML 8Page - Texas Instruments THS1041CPWR Datasheet HTML 9Page - Texas Instruments THS1041CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
6
www.ti.com
electrical characteristics
over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 40 MSPS/50% duty cycle, MODE = AVDD (internal reference),
differential input range = 1 Vpp and 2 Vpp, PGA = 1X, TA = Tmin to Tmax (unless otherwise noted) (continued)
dynamic performance (ADC and PGA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENOB
Effective number of bits
f = 4.8 MHz, −0.5 dBFS
8.8
9.6
Bits
ENOB
Effective number of bits
f = 20 MHz, −0.5 dBFS
9.5
Bits
SFDR
Spurious free dynamic range
f = 4.8 MHz, −0.5 dBFS
60.5
72
dB
SFDR
Spurious free dynamic range
f = 20 MHz, −0.5 dBFS
70
dB
THD
Total harmonic distortion
f = 4.8 MHz, −0.5 dBFS
− 72.5
− 61.3
dB
THD
Total harmonic distortion
f = 20 MHz, −0.5 dBFS
− 71.6
dB
SNR
Signal-to-noise ratio
f = 4.8 MHz, −0.5 dBFS
55.7
60
dB
SNR
Signal-to-noise ratio
f = 20 MHz, −0.5 dBFS
57
dB
SINAD
Signal-to-noise and distortion
f = 4.8 MHz, −0.5 dBFS
55.6
59.7
dB
SINAD
Signal-to-noise and distortion
f = 20 MHz, −0.5 dBFS
59.6
dB
BW
Full power bandwidth (−3 dB)
900
MHz
PGA (See Note 7)
PARAMETER
MIN
TYP
MAX
UNIT
Gain range (linear scale)
0.5
4
V/V
Gain step size (linear scale)
0.485
0.5
0.515
V/V
Gain error (deviation from ideal, all gain settings)
−3%
3%
Number of control bits
3
Bits
clamp amplifier and clamp DAC (See Note 8)
PARAMETER
MIN
TYP
MAX
UNIT
Resolution
10
Bits
DAC output range
REFB
REFT
V
DAC differential nonlinearity
−1
1
LSB
DAC integral nonlinearity
−3
3
LSB
Clamping analog output voltage range
0.1
AVDD−0.1
V
Clamping analog output voltage error
−40
40
mV
Clamping analog output bias voltage
MODE = AVDD AVDD/2 − 0.1
AVDD/2 + 0.1
mV
NOTES:
7. Gain settings increment by the gain step size for eight binary settings of 000 to 111 to correspond to the ideal gain range.
8. The CLAMPOUT pin must see a load capacitance of at least 10 nF to ensure stability of the on-chip clamp buffer. When using the
clamp for dc restoration, the signal coupling capacitor should be at least 10 nF. When using the clamp buffer as a dc biasing reference,
CLAMPOUT should be decoupled to analog ground through at least a 10-nF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com