Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 24Page - Texas Instruments THS1041CPWR Datasheet HTML 25Page - Texas Instruments THS1041CPWR Datasheet HTML 26Page - Texas Instruments THS1041CPWR Datasheet HTML 27Page - Texas Instruments THS1041CPWR Datasheet HTML 28Page - Texas Instruments THS1041CPWR Datasheet HTML 29Page - Texas Instruments THS1041CPWR Datasheet HTML 30Page - Texas Instruments THS1041CPWR Datasheet HTML 31Page - Texas Instruments THS1041CPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
28
www.ti.com
APPLICATION INFORMATION
driving the THS1041 analog inputs
driving the clock input
Obtaining good performance from the THS1041 requires care when driving the clock input.
Different sections of the sample-and-hold and ADC operate while the clock is low or high. The user should
ensure that the clock duty cycle remains near 50% to ensure that all internal circuits have as much time as
possible in which to operate.
The CLK pin should also be driven from a low jitter source for best dynamic performance. To maintain low jitter
at the CLK input, any clock buffers external to the THS1041 should have fast rising edges. Use a fast logic family
such as AC or ACT to drive the CLK pin, and consider powering any clock buffers separately from any other
logic on the PCB to prevent digital supply noise appearing on the buffered clock edges as jitter.
As the CLK input threshold is nominally around AVDD/2, any clock buffers need to have an appropriate supply
voltage to drive above and below this level.
driving the sample and hold inputs
driving the AIN+ and AIN− pins
Figure 42 shows an equivalent circuit for the THS1041 AIN+ and AIN− pins. The load presented to the system
at the AIN pins comprises the switched input sampling capacitor, CSample, and various stray capacitances, C1
and C2.
C1
8 pF
AVDD
AGND
CLK
CLK
C2
1.2 pF
1.2 pF
CSample
VCM = AIN+/AIN− Common Mode Voltage
AIN
_
+
Figure 42. Equivalent Circuit for Analog Input Pins AIN+ and AIN−
The input current pulses required to charge CSample and C2 can be time averaged and the switched capacitor
circuit modelled as an equivalent resistor:
R
IN2 +
1
C
S
f
CLK
where CS is the sum of CSample and C2. This model can be used to approximate the input loading versus source
resistance for high impedance sources.
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com