Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1041CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS1041CPWR Datasheet HTML 1Page - Texas Instruments THS1041CPWR Datasheet HTML 2Page - Texas Instruments THS1041CPWR Datasheet HTML 3Page - Texas Instruments THS1041CPWR Datasheet HTML 4Page - Texas Instruments THS1041CPWR Datasheet HTML 5Page - Texas Instruments THS1041CPWR Datasheet HTML 6Page - Texas Instruments THS1041CPWR Datasheet HTML 7Page - Texas Instruments THS1041CPWR Datasheet HTML 8Page - Texas Instruments THS1041CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
10Bit, 40MSPS ANALOGTODIGITAL CONVERTER
WITH PGA AND CLAMP
1
www.ti.com
FEATURES
D Analog Supply 3 V
D Digital Supply 3 V
D Configurable Input Functions:
− Single-Ended
− Single-Ended With Analog Clamp
− Single-Ended With Programmable Digital
Clamp
− Differential
D Built-In Programmable Gain Amplifier (PGA)
D Differential Nonlinearity: ±0.45 LSB
D Signal-to-Noise: 60 dB Typ f(IN) at 4.8 MHz
D Spurious Free Dynamic Range: 72 dB
D Adjustable Internal Voltage Reference
D Unsigned Binary/2s Complement Output
D Out-of-Range Indicator
D Power-Down Mode
APPLICATIONS
D Video/CCD Imaging
D Communications
D Set-Top-Box
D Medical
DESCRIPTION
The THS1041 is a CMOS, low power, 10-bit, 40 MSPS
analog-to-digital converter (ADC) that operates from a
single 3-V supply. The THS1041 has been designed to
give circuit developers flexibility. The analog input to the
THS1041 can be either single-ended or differential.
This device has a built-in clamp amplifier whose clamp
input level can be driven from an external dc source or
from an internal high-precision 10-bit digital clamp level
programmable via an internal CLAMP register. A 3-bit
PGA is included to maintain SNR for small signals. The
THS1041 provides a wide selection of voltage
references to match the user’s design requirements.
For more design flexibility, the internal reference can be
bypassed to use an external reference to suit the dc
accuracy and temperature drift requirements of the
application. The out-of-range output indicates any
out-of-range condition in THS1041’s input signal. The
format of the digital output can be coded in either
unsigned binary or 2s complement.
The speed, resolution, and single-supply operation of
the THS1041 are suited to applications in set-top-box
(STB),
video,
multimedia,
imaging,
high-speed
acquisition, and communications. The built-in clamp
function allows dc restoration of a video signal and is
suitable for video applications. The speed and
resolution ideally suit charge-couple device (CCD) input
systems such as color scanners, digital copiers, digital
cameras, and camcorders. A wide input voltage range
allows the THS1041 to be applied in both imaging and
communications systems.
The THS1041C is characterized for operation from 0
°C
to 70
°C, while the THS1041I is characterized for
operation from −40
°C to 85°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
DVDD
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
OVR
DGND
AVDD
AIN+
VREF
AIN−
REFB
MODE
REFT
CLAMPOUT
CLAMPIN
CLAMP
REFSENSE
WR
OE
CLK
28-PIN TSSOP/SOIC PACKAGE
(TOP VIEW)


Similar Part No. - THS1041CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1041CPW TI-THS1041CPW Datasheet
509Kb / 37P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
More results

Similar Description - THS1041CPWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
logo
Texas Instruments
THS1040 TI-THS1040 Datasheet
545Kb / 32P
3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com