Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 5 Page - Texas Instruments

  TLC2872ZP Datasheet HTML 1Page - Texas Instruments TLC2872ZP Datasheet HTML 2Page - Texas Instruments TLC2872ZP Datasheet HTML 3Page - Texas Instruments TLC2872ZP Datasheet HTML 4Page - Texas Instruments TLC2872ZP Datasheet HTML 5Page - Texas Instruments TLC2872ZP Datasheet HTML 6Page - Texas Instruments TLC2872ZP Datasheet HTML 7Page - Texas Instruments TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2872Z
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
µV
VIO
Input offset voltage
Full range
3000
µV
αVIO
Temperature coefficient of input offset
25
°C
2
µV/°C
αVIO
voltage
to 150
°C
2
µV/°C
Input offset voltage long-term drift
(see Note 4)
VDD
± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.002
µV/mo
IIO
Input offset current
25
°C
0.0005
nA
IIO
Input offset current
Full range
3
nA
IIB
Input bias current
25
°C
0.001
nA
IIB
Input bias current
Full range
5
nA
0
– 0.3
25
°C
0
to
0.3
to
VICR
Common mode input voltage range
RS =50 Ω
|VIO | ≤ 5mV
4
4.2
V
VICR
Common-mode input voltage range
RS = 50 Ω,
|VIO | ≤ 5 mV
0
V
Full range
0
to
g
3.5
IOH = – 20 µA
25
°C
4.95
4.99
IOH = 200 µA
25
°C
4.85
4.93
VOH
High-level output voltage
IOH = – 200 µA
Full range
4.75
V
IOH =1 mA
25
°C
4.25
4.65
IOH = – 1 mA
Full range
4.25
VIC = 2.5 V,
IOL = 50 µA
25
°C
0.01
0.02
VIC =2 5V
IOL = 500 µA
25
°C
0.09
0.15
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.2
V
VIC =2 5V
IOL =5 mA
25
°C
0.9
1.5
VIC = 2.5 V,
IOL = 5 mA
Full range
2
L
i
l diff
ti l
lt
V2 5 V
R10 k
Ω‡
25
°C
15
35
AVD
Large-signal differential voltage
amplification
VIC = 2.5 V,
VO =1Vto4V
RL = 10 kه
Full range
10
V/mV
VD
am lification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
175
rid
Differential input resistance
25
°C
1012
Ω
ri
Common-mode input resistance
25
°C
1012
Ω
ci
Common-mode input capacitance
f = 10 kHz,
P package
25
°C
8
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 10
25
°C
140
Ω
CMRR
Common mode rejection ratio
VIC = 0 to 2.7 V,
VO = 2.5 V,
25
°C
70
75
dB
CMRR
Common-mode rejection ratio
IC
,
RS = 50 Ω
O
,
Full range
70
dB
kSVR
Supply voltage rejection ratio
VDD = 4.4 V to 16 V, VIC = VDD /2,
25
°C
80
95
dB
kSVR
yg
j
(
∆VDD/∆VIO)
DD
,
No load
IC
DD
,
Full range
80
dB
IDD
Supply current
VO =2 5V
No load
25
°C
2.2
3
mA
IDD
Supply current
VO = 2.5 V,
No load
Full range
3
mA
† Full range is – 40
°C to 150°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com