Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 1 Page - Texas Instruments

  TLC2872ZP Datasheet HTML 1Page - Texas Instruments TLC2872ZP Datasheet HTML 2Page - Texas Instruments TLC2872ZP Datasheet HTML 3Page - Texas Instruments TLC2872ZP Datasheet HTML 4Page - Texas Instruments TLC2872ZP Datasheet HTML 5Page - Texas Instruments TLC2872ZP Datasheet HTML 6Page - Texas Instruments TLC2872ZP Datasheet HTML 7Page - Texas Instruments TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Free-Air Operating Temperature
–40
°C to 150°C
D Output Swing Includes Both Supply Rails
D Low Noise...9 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current...1 pA Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D High Unity-Gain Bandwidth... 2.2 MHz Typ
D High Slew Rate... 3.6 V/µs Typ
D Low Input Offset Voltage
300
µV Typ at TA = 25°C
D Macromodel Included
description
The TLC2872Z is a dual rail-to-rail output
operational amplifier manufactured using Texas
Instruments
Advanced
LinCMOS
™ process.
These devices offer comparable ac performance
while having better noise, input offset voltage
and power dissipation than existing CMOS
operational amplifiers. In addition, the common-
mode input voltage range is wider than typical
standard
CMOS
type
amplifiers.
To
take
advantage of this improvement in performance,
making this device available for a wider range of
applications, VICR is specified with a larger
maximum input offset voltage test limit of
±5 mV.
The Advanced LinCMOS
™ process uses a
silicon-gate technology to obtain input offset voltage stability with temperature and time that far exceeds that
obtainable using metal-gate technology. Also, this technology makes possible input impedance levels that meet
or exceed levels offered by top-gate JFET and expensive dielectric-isolated devices.
The TLC2872Z, manufactured using Texas Instruments high-temperature process flow, allows extended
temperature operation up to 150
°C in a plastic package. This adds extra reliability at the extended temperature
and reduces the need for expensive hermetically sealed ceramic packages.
The TLC2872Z, which exhibits high input impedance and low noise, is excellent for small signal conditioning
of high impedance sources, such as piezoelectric transducers. In addition, the rail-to-rail output feature with
single or split supplies makes this device a great choice for inputs to ADCs in either the unipolar or bipolar mode
of operation. This feature, combined with its temperature performance, makes the TLC2872Z ideal for
sonobuoys, pressure sensors, temperature controls, active VR sensors, accelerometers, and many other
applications.
AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
CHIP FORM
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
CHIP FORM
(Y)
–40
°C to 150°C
2.5 mV
TLC2872ZD
TLC2872ZP
TLC2872Y
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2872DR).
Copyright
© 1992, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.
VDD – Supply Voltage – V
10
8
6
4
46
8
12
14
16
10
12
14
16
MAXIMUM OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
TA = 25°C
VO = VDD/2
IO = 50 µA
IO = 500 µA
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD+
2OUT
2IN –
2IN +
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TLC2872ZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2872ZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X TI-TLC225X Datasheet
926Kb / 57P
Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2211 TI-TLV2211 Datasheet
529Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com