Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2872ZP Datasheet HTML 6Page - Texas Instruments TLC2872ZP Datasheet HTML 7Page - Texas Instruments TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments TLC2872ZP Datasheet HTML 10Page - Texas Instruments TLC2872ZP Datasheet HTML 11Page - Texas Instruments TLC2872ZP Datasheet HTML 12Page - Texas Instruments TLC2872ZP Datasheet HTML 13Page - Texas Instruments TLC2872ZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
VIO – Input Offset Voltage – mV
DISTRIBUTION OF TLC2872Z
INPUT OFFSET VOLTAGE
10
5
0
20
15
0
0.4
0.8
1.2
1.6
891 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
TA = 25°C
– 1.6 – 1.2 – 0.8
– 0.4
Figure 2
15
10
5
0
01
20
25
23
4
5
DISTRIBUTION OF TLC2872Z
TEMPERATURE COEFFICIENT
αVIO – Temperature Coefficient – µV/°C
–4
–3
–2
–1
–5
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
P Package
TA = 25°C to 150°C
Figure 3
30
20
10
25
50
75
100
40
50
60
125
150
INPUT BIAS AND OFFSET CURRENTS
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
70
VDD = ± 2.5 V
VIC = 0
VO = 0
RS = 50 Ω
0
IIB
IIO
Figure 4
0
25
50
75
100
125
150
2
1
0
3
4
5
INPUT VOLTAGE RANGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
|VIO| ≤ 5mV
VDD = 5 V
–1
–50 – 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com