Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2872ZP Datasheet HTML 3Page - Texas Instruments TLC2872ZP Datasheet HTML 4Page - Texas Instruments TLC2872ZP Datasheet HTML 5Page - Texas Instruments TLC2872ZP Datasheet HTML 6Page - Texas Instruments TLC2872ZP Datasheet HTML 7Page - Texas Instruments TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments TLC2872ZP Datasheet HTML 10Page - Texas Instruments TLC2872ZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC2872Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
300
2500
µV
Input offset voltage long-term drift (see Note 4)
VIC = 0,
VO = 0,
0.002
µV/mo
IIO
Input offset current
IC
,
RS = 50 Ω
O
,
0.0005
nA
IIB
Input bias current
0.001
nA
0
– 0.3
to
to
VICR
Common mode input voltage range
RS =50 Ω
|VIO | ≤ 5mV
4
4.2
V
VICR
Common-mode input voltage range
RS = 50 Ω,
|VIO | ≤ 5 mV
0
V
to
3.5
IOH = – 20 µA
4.95
4.99
VOH
High-level output voltage
IOH = – 200 µA
4.85
4.93
V
IOH = – 1 mA
4.25
4.65
VIC = 2.5 V,
IOL = 50 µA
0.01
0.02
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
0.09
0.15
V
VIC = 2.5 V,
IOL = 5 mA
0.9
1.5
AVD
Large signal differential voltage amplification
VIC = 2.5 V,
RL = 10 kن
15
35
V/mV
AVD
Large-signal differential voltage amplification
IC
,
VO = 1 V to 4 V
RL = 1 Mن
175
V/mV
rid
Differential input resistance
1012
Ω
ri
Common-mode input resistance
1012
Ω
ci
Common-mode input capacitance
f = 10 kHz,
P package
8
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 10
140
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 2.7 V,
RS = 50 Ω
VO = 2.5 V,
70
75
dB
kSVR
Supply voltage rejection ratio (
∆VDD± /∆VIO)
VDD = 4.4 V to 16 V,
VIC = VDD /2,
80
95
dB
kSVR
Supply voltage rejection ratio (
∆VDD± /∆VIO)
DD
,
No load
IC
DD
,
80
95
dB
IDD
Supply current
VO = 2.5 V,
No load
2.2
3
mA
† Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com