Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2872ZP Datasheet HTML 9Page - Texas Instruments TLC2872ZP Datasheet HTML 10Page - Texas Instruments TLC2872ZP Datasheet HTML 11Page - Texas Instruments TLC2872ZP Datasheet HTML 12Page - Texas Instruments TLC2872ZP Datasheet HTML 13Page - Texas Instruments TLC2872ZP Datasheet HTML 14Page - Texas Instruments TLC2872ZP Datasheet HTML 15Page - Texas Instruments TLC2872ZP Datasheet HTML 16Page - Texas Instruments TLC2872ZP Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
0
20
1 k
10 k
100 k
1 M
40
60
80
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION and PHASE MARGIN
vs
FREQUENCY
f – Frequency – Hz
10 M
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
135
°
180
°
90
°
45
°
–45
°
–90
°
0
°
φm
AVD
–20
–40
Figure 13
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
–50
– 25
150
0
25
50
75
100
125
10
100
1 k
TA – Free-Air Temperature – °C
VDD = 5 V
VIC = 2.5 V
VO = 1 to 4 V
RL = 1 MΩ
RL = 10 kΩ
Figure 14
0
1
0
|VDD
±| – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0.5
1.5
2
2.5
3
1
23
4
5
6
7
8
VO = 0
No Load
TA = 25°C
TA = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com