Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2872ZP Datasheet HTML 2Page - Texas Instruments TLC2872ZP Datasheet HTML 3Page - Texas Instruments TLC2872ZP Datasheet HTML 4Page - Texas Instruments TLC2872ZP Datasheet HTML 5Page - Texas Instruments TLC2872ZP Datasheet HTML 6Page - Texas Instruments TLC2872ZP Datasheet HTML 7Page - Texas Instruments TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments TLC2872ZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2872Z
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
RL = 10 kه,
25
°C
2.3
3.6
V/
µs
SR
Slew rate at unity gain
O
,
CL = 100 pF‡
L
,
Full range
1.1
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
50
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
9
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise
f = 0.1 to 1 Hz
25
°C
1
µV
VN(PP)
q
voltage
f = 0.1 to 10 Hz
25
°C
1.4
µV
In
Equivalent input noise current
25
°C
0.6
fA/
√Hz
VO = 0.5 V to 2.5 V,
AV = 1
0.0013%
THD + N
Total harmonic distortion plus noise
VO = 0.5 V to 2.5 V,
f = 20 kHz,
‡
AV = 10
25
°C
0.004%
RL = 10 kه
AV = 100
0.03%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF‡
RL = 10 kه,
25
°C
2.18
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V,
RL = 10 kه,
AV = 1,
CL = 100 pF‡
25
°C
1
MHz
Settling time
AV = – 1,
Step = 0.5 V to 2.5 V,
To 0.1%
25
°C
1.5
µs
Settling time
,
RL = 10 kه,
CL = 100 pF‡
To 0.01%
2.6
µs
φm
Phase margin at unity gain
RL 10 kه
CL 100 pF‡
25
°C
50
°
Gain margin
RL = 10 kه,
CL = 100 pF‡
25
°C
10
dB
† Full range is – 40
°C to 150°C.
‡ Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com