Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2872ZP Datasheet HTML 7Page - Texas Instruments TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments TLC2872ZP Datasheet HTML 10Page - Texas Instruments TLC2872ZP Datasheet HTML 11Page - Texas Instruments TLC2872ZP Datasheet HTML 12Page - Texas Instruments TLC2872ZP Datasheet HTML 13Page - Texas Instruments TLC2872ZP Datasheet HTML 14Page - Texas Instruments TLC2872ZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
IOH – High-Level Output Current – mA
4
2
1
0
6
3
01
23
4
5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 5 V
TA = 150°C
TA = 25°C
Figure 6
0.6
0.4
0.2
0
01
2
3
0.8
45
IOL – Low-Level Output Current – mA
VIC = 0
VIC = 1.25 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1
1.2
VIC = 2.5 V
VDD = 5 V
TA = 150°C
Figure 7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.6
0.4
0.2
0
0
123
0.8
4
1
1.2
56
1.4
VDD = 5 V
VIC = 2.5 V
TA = 150°C
TA = 25°C
Figure 8
2
1
0
10 k
100 k
1 M
3
f – Frequency – Hz
4
10 M
6
5
7
8
9
10
MAXIMUM OUTPUT VOLTAGE
vs
FREQUENCY
VDD = 5 V
RL = 10 kΩ
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com