Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2872ZP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2872ZP
Description  Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2872ZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2872ZP Datasheet HTML 8Page - Texas Instruments TLC2872ZP Datasheet HTML 9Page - Texas Instruments TLC2872ZP Datasheet HTML 10Page - Texas Instruments TLC2872ZP Datasheet HTML 11Page - Texas Instruments TLC2872ZP Datasheet HTML 12Page - Texas Instruments TLC2872ZP Datasheet HTML 13Page - Texas Instruments TLC2872ZP Datasheet HTML 14Page - Texas Instruments TLC2872ZP Datasheet HTML 15Page - Texas Instruments TLC2872ZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TLC2872Z, TLC2872Y
Advanced LinCMOS
™ RAIL-TO-RAIL
DUAL OPERATIONAL AMPLIFIERS
SLOS117 – OCTOBER 1992
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
4
0
23
4
8
12
10
5
678
|VDD
±| – Supply Voltage – V
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VID = – 100 mV
VID = 100 mV
VO = 0
TA = 150°C
6
2
–2
–4
Figure 10
–5
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
–1
3
7
11
15
TA – Free-Air Temperature – °C
VID = 100 mV
VID = – 100 mV
VO = 0
VDD = 5 V
Figure 11
0.1
1
0.1
1
10
100
10
100
1000
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
RL – Load Resistance – kΩ
VO = ± 1 V
TA = 25°C
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com